Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL362BCCZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 2Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 3Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 4Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 5Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 9Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ADXL362
Data Sheet
Rev. B | Page 6 of 44
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration (Any Axis, Unpowered)
5000 g
Acceleration (Any Axis, Powered)
5000 g
VS
−0.3 V to +3.6 V
VDD I/O
−0.3 V to +3.6 V
All Other Pins
−0.3 V to VS
Output Short-Circuit Duration
(Any Pin to Ground)
Indefinite
ESD
2000 V (HBM)
Short Term Maximum Temperature
Four Hours
150°C
One Minute
260°C
Temperature Range (Powered)
−50°C to +150°C
Temperature Range (Storage)
−50°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 3. Package Characteristics
Package Type
θJA
θJC
Device Weight
16-Terminal LGA
150°C/W
85°C/W
18 mg
PACKAGE INFORMATION
Figure 2 and Table 4 provide details about the package branding
for the ADXL362. For a complete listing of product availability,
see the Ordering Guide section.
• 3 6 2 B
# y w w
v v v v
Figure 2. Product Information on Package (Top View)
Table 4. Package Branding Information
Branding Key
Field Description
●362B
Pin 1 indicator and part identifier
#yww
Pb-free designator (#) and date code
vvvv
Factory lot code
RECOMMENDED SOLDERING PROFILE
Figure 3 and Table 5 provide details about the recommended
soldering profile.
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 3. Recommended Soldering Profile
Table 5. Recommended Soldering Profile
Profile Feature
Condition
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
3°C/sec max
3°C/sec max
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX)(tS)
60 sec to 120 sec
60 sec to 180 sec
TSMAX to TL Ramp-Up Rate
3°C/sec max
3°C/sec max
Time Maintained Above
Liquidous (TL)
Liquidous Temperature (TL)
183°C
217°C
Time (tL)
60 sec to 150 sec
60 sec to 150 sec
Peak Temperature (TP)
240 + 0/−5°C
260 + 0/−5°C
Time Within 5°C of Actual
Peak Temperature (tP)
10 sec to 30 sec
20 sec to 40 sec
Ramp-Down Rate
6°C/sec max
6°C/sec max
Time 25°C to Peak
Temperature
6 minutes max
8 minutes max
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com