Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL362BCCZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 23Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 24Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 25Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 26Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 27Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 28Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 29Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 30Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Data Sheet
ADXL362
Rev. B | Page 27 of 44
ACTIVITY THRESHOLD REGISTERS
To detect activity, the ADXL362 compares the absolute value of
the 12-bit (signed) acceleration data with the 11-bit (unsigned)
THRESH_ACT value. See the Motion Detection section for
more information on activity detection.
The term, THRESH_ACT, refers to an 11-bit unsigned value com-
prising the THRESH_ACT_L register, which holds its eight LSBs;
and the THRESH_ACT_H register, which holds its three MSBs.
THRESH_ACT is set in codes; the value in g depends on the
measurement range setting that is selected.
THRESH_ACT [g] = THRESH_ACT [codes]/Sensitivity
[codes per g]
Address: 0x20, Reset: 0x00, Name: THRESH_ACT_L
Address: 0x21, Reset: 0x00, Name: THRESH_ACT_H
ACTIVITY TIME REGISTER
Address: 0x22, Reset: 0x00, Name: TIME_ACT
The activity timer implements a robust activity detection that
minimizes false positive motion triggers. When the timer is
used, only sustained motion can trigger activity detection. Refer
to the Fewer False Positives section for additional information.
The value in this register sets the number of consecutive
samples that must have at least one axis greater than the activity
threshold (set by THRESH_ACT) for an activity event to be
detected.
The time (in seconds) is given by the following equation:
Time = TIME_ACT/ODR
where:
TIME_ACT is the value set in this register.
ODR is the output data rate set in the FILTER_CTL register
(Address 0x2C).
Setting the activity time to 0x00 has the same result as setting
this time to 0x01: Activity is detected when a single acceleration
sample has at least one axis greater than the activity threshold
(THRESH_ACT).
When the accelerometer is in wake-up mode, the TIME_ACT
value is ignored and activity is detected based on a single
acceleration sample.
INACTIVITY THRESHOLD REGISTERS
To detect inactivity, the absolute value of the 12-bit acceleration
data is compared with the 11-bit (unsigned) THRESH_INACT
value. See the Motion Detection section for more information.
The term, THRESH_INACT, refers to an 11-bit unsigned value
comprised of the THRESH_INACT_L registers, which holds its
eight LSBs and the THRESH_INACT_H register, which holds
its three MSBs.
This 11-bit unsigned value sets the threshold for inactivity
detection. This value is set in codes; the value (in g) depends on
the measurement range setting selected:
THRESH_INACT [g] =
THRESH_INACT [codes]/Sensitivity [codes per g]
Address: 0x23, Reset: 0x00, Name: THRESH_INACT_L
Address: 0x24, Reset: 0x00, Name: THRESH_INACT_H
INACTIVITY TIME REGISTERS
The 16-bit value in these registers sets the number of consecu-
tive samples that must have all axes lower than the inactivity
threshold (set by THRESH_INACT) for an inactivity event to
be detected.
The TIME_INACT_L register holds the eight LSBs and the
TIME_INACT_H register holds the eight MSBs of the 16-bit
TIME_INACT value.
The time in seconds can be calculated as
Time = TIME_INACT/ODR
where:
TIME_INACT is the 16-bit value set by the TIME_INACT_L reg-
ister (eight LSBs) and the TIME_INACT_H register (eight MSBs).
ODR is the output data rate set in the FILTER_CTL register
(Address 0x2C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com