Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC5604EEMLH Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button PPC5604EEMLH Datasheet HTML 18Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 19Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 20Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 21Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 22Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 23Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 24Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 25Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
MPC5604E Microcontroller Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
22
3.3
Absolute maximum ratings
Table 6. Absolute Maximum Ratings1
1 Functional operating conditions are given in the DC electrical characteristics. Absolute maximum ratings are stress
ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect
device reliability or cause permanent damage to the device.
Symbol
Parameter
Conditions
Min
Max2
Unit
VSS
SR Device ground
—
VSS
VSS
V
VDD_HV_IO
SR 3.3 V Input/Output Supply Voltage
(supply).
Code Flash supply with VDD_HV_IO3
and Data Flash with VDD_HV_IO2
—VSS _ 0.3
VSS + 6.0
V
VSS_HV_IO
SR 3.3 VInput/Output Supply Voltage
(ground).
Code Flash ground with VSS_HV_IO3
and Data Flash with VSS_HV_IO2
—VSS _ 0.1
VSS + 0.1
V
VDD_HV_OSC
SR 3.3 V Crystal Oscillator Amplifier
Supply voltage (supply)
The oscillator and flash supply segments are
double-bounded with the VDD_HV_IO segments. See
VDD_HV_IO and VSS_HV_IO specifications.
—
VSS_HV_OSC
SR 3.3 V Crystal Oscillator Amplifier
Supply voltage (ground)
VDD_HV_ADC0
3
SR 3.3 V ADC_0 Supply and High
Reference voltage
—VSS _ 0.3
VSS + 6.0
V
VSS_HV_ADC0
SR 3.3 V ADC_0 Ground and Low
Reference voltage
—VSS _ 0.1
VSS + 0.1
V
VDD_HV_REG
SR 3.3 V Voltage Regulator Supply
voltage
—VSS _ 0.3
VSS + 6.0
V
TVDD
SR Slope characteristics on all VDD
during power up4
——
0.1
V/us
VDD_LV_COR
SR 1.2 V supply pins for core logic
(supply)
—VSS _ 0.3
VSS + 1.4
V
VSS_LV_COR
SR 1.2 V supply pins for core logic
(ground)
—VSS _ 0.1
VSS + 0.1
V
VIN
SR Voltage on any pin with respect to
ground (VSS_HV_IO)
—VSS_HV_IO _ 0.3
VDD_HV_IO +0.5
V
IINJPAD
SR Input current on any pin during
overload condition
—–10
10
mA
IINJSUM
SR Absolute sum of all input currents
during overload condition
—–50
50
mA
TSTORAGE
SR Storage temperature
—
–55
150
°C
TJ
SR Junction temperature under bias
—
–40
150
°C
TA
SR Ambient temperature under bias
fCPU<64 MHz
–40
125
°C
fCPU<64 MHz
Video use
case with
internal supply
–40
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com