Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC5604EEMLH Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button PPC5604EEMLH Datasheet HTML 29Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 30Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 31Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 32Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 33Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 34Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 35Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 36Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
Electrical characteristics
MPC5604E Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
33
3.10
DC electrical characteristics
Table 15 gives the DC electrical characteristics at 3.3 V (3.0 V < VDD_HV_IO < 3.6 V).
Table 15. DC electrical characteristics (3.3 V)1
1 These specifications are design targets and subject to change per device characterization.
Symbol
Parameter
Conditions
Min
Max
Unit
VIL
D
Minimum low level input voltage
—
–0.42
2 “SR” parameter values must not exceed the absolute maximum ratings shown in Table 6.
—V
VIL
P
Maximum low level input voltage
—
—
0.35 VDD_HV_IO
V
VIH
P
Minimum high level input voltage
—
0.65 VDD_HV_IO
—V
VIH
D
Maximum high level input
voltage
——
VDD_HV_IO +0.4
2
V
VHYS
T
Schmitt trigger hysteresis
—
0.1 VDD_HV_IO
—V
VOL_S
P
Slow, low level output voltage
IOL =2mA
—
0.1VDD_HV_IO
V
VOH_S
P
Slow, high level output voltage
IOH =–2 mA
0.8VDD_HV_IO
—V
VOL_M
P
Medium, low level output voltage
IOL =2mA
—
0.1VDD_HV_IO
V
VOH_M
P
Medium, high level output
voltage
IOH =–3mA
0.8VDD_HV_IO
—V
VOL_F
P
Fast, high level output voltage
IOL =11mA
—
0.1VDD_HV_IO
V
VOH_F
P
Fast, high level output voltage
IOH = –11 mA
0.8VDD_HV_IO
—V
IPU
P
Equivalent pull-up current
VIN =VIL
–95
—
µA
IPD
P
Equivalent pull-down current
VIN =VIH
—95
IIL
P
Input leakage current
(all bidirectional ports)
TA = –40 to
125 °C
—1
µA
IIL
P
Input leakage current
(all ADC input-only ports)
TA = –40 to
125 °C
—0.5
µA
VILR
D
Minimum RESET, low level input
voltage
—
–0.42
—V
VILR
P
Maximum RESET, low level
input voltage
—
—0.35 VDD_HV_IO
V
VIHR
P
Minimum RESET, high level
input voltage
—
0.65 VDD_HV_IO
—V
VIHR
D
Maximum RESET, high level
input voltage
—
—VDD_HV_IO +0.4
2
V
VHYSR
D
RESET, Schmitt trigger
hysteresis
—
0.1 VDD_HV_IO
—V
VOLR
D
RESET, low level output voltage IOL =0.5 mA
—
0.1VDD_HV_IO
V
IPU
D
RESET, equivalent pull-up
current
VIN =VIL
–130
—
µA
VIN =VIH
—–10
CIN
D
Input capacitance
—
—
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com