Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC5604EEMLH Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button PPC5604EEMLH Datasheet HTML 30Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 31Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 32Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 33Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 34Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 35Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 36Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 37Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 75 page
background image
MPC5604E Microcontroller Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
34
3.11
Main oscillator electrical characteristics
The MPC5604E provides an oscillator/resonator driver.
Table 16. Supply current
Symbol
Parameter
Conditions
Value1
1 All values to be confirmed after characterization/data collection.
Unit
Min
Typ
Max
I
DD_LV_CORE
C
Supply
current
RUN Mode, I/O currents not included,
worst case over temperature for
system clock
—75
120
mA
P
HALT Mode2
2 Halt mode configurations: Code fetched from SRAM, Code Flash and Data Flash in low power mode, OSC/PLL0 are OFF, Core
clock frozen, all peripherals are disabled.
V
DD_LV_CORx
externally forced at 1.3 V
—4
25
PSTOP Mode3
3 STOP "P" mode DUT configuration: Code fetched from SRAM, Code Flash and Data Flash off, OSC/PLL0 are OFF, Core clock
frozen, all peripherals are disabled.
V
DD_LV_CORx
externally forced at 1.3 V
—4
25
IDD_FLASH
C
Code Flash
FLASH supply current
during read
VDD_HV_IO at 3.3 V
—
4
7
FLASH supply current
during erase operation
on 1 Flash module
VDD_HV_IO at 3.3 V
—
9
14
Data Flash
FLASH supply current
during read
VDD_HV_IO at 3.3 V
—
3.5
6
FLASH supply current
during erase operation
on 1 Flash module
VDD_HV_IO at 3.3 V
—
7.5
12
IDD_ADC
C
ADC supply current
VDD_HV_ADC0 at 3.3 V
ADC Freq = 16MHz
—1.8
3
I
DD_OSC
C
OSC supply current
VDD_HV_OSC at 3.3 V
16 MHz
—0.74
4
Table 17. Main oscillator electrical characteristics
Symbol
Parameter
Min
Max
Unit
fOSC
SR Oscillator frequency
4
40
MHz
gm
P
Transconductance
4
15.846 mA/V
VOSC
T
Oscillation amplitude on XTAL pin
1.3
2.25
V
tOSCSU
T
Start-up time1,2
—5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com