Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC5604EEMLH Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button PPC5604EEMLH Datasheet HTML 27Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 28Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 29Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 30Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 31Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 32Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 33Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 34Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
Electrical characteristics
MPC5604E Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
31
3.8.3
Voltage monitor electrical characteristics
The device implements a POR module to ensure correct power-up initialization, as well as three low voltage detectors to
monitor the VDD_HV and the VDD_LV voltage while device is supplied:
•
POR monitors VDD_HV during the power-up phase to ensure device is maintained in a safe reset state
•
LVDHV3 monitors VDD_HV to ensure device reset below minimum functional supply
•
LVDLVCOR monitors low voltage digital power domain
3.9
Power Up/Down reset sequencing
The MPC5604E implements a precise sequence to ensure each module is started only when all conditions for switching it ON
are available. This prevents overstress event or miss-functionality within and outside the device:
•
A POR module working on voltage regulator supply is controlling the correct start-up of the regulator. This is a key
module ensuring safe configuration for all Voltage regulator functionality when supply is below 1.5 V. Associated POR
(or POR) signal is active low.
IDD_BV
CC D In-rush current on VDD_BV during
power-up6
——
—
407
mA
1 V
DD = 3.3 V ± 10%, TA = 40 to 125 °C, unless otherwise specified
2 It is required by the device in internal voltage regulation mode only.
3 This capacitance value is driven by the constraints of the external voltage regulator that supplies the V
DD_BV
voltage. A typical value is in the range of 470 nF. This capacitance should be placed close to the device pin.
4 This value is acceptable to guarantee operation from 3.0 V to 3.6 V
5 External regulator and capacitance circuitry must be capable of providing I
DD_BV while maintaining supply VDD_BV
in operating range.
6 In-rush current is seen only for short time during power-up and on standby exit (max 20 µs, depending on external
LV capacitances to be load)
7 The duration of the in-rush current depends on the capacitance placed on LV pins. BV decaps must be sized
accordingly. Refer to IMREG value for minimum amount of current to be provided in cc.
Table 14. Low voltage monitor electrical characteristics
Symbol
Parameter
Conditions1
1 V
DD_HV = 3.3V ± 10% TA = –40 °C to TA MAX, unless otherwise specified
Value
Unit
Min
Max
VPORH
T
Power-on reset threshold
—
1.5
2.7
V
VPORUP
D Supply for functional POR module
TA = 25°C
1.0
—
V
VDDHVLVDMOK_H
P
VDD_HV low voltage detector high threshold
—
—
2.95
V
VDDHVLVDMOK_L
PVDD_HV low voltage detector low threshold
—
2.6
—
V
VMLVDDOK_H
P
Digital supply low voltage detector high
—
—
1.235
V
VMLVDDOK_L
P
Digital supply low voltage detector low
—
1.095
—
V
Table 13. Voltage regulator electrical characteristics (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com