Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC5604EEMLH Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button PPC5604EEMLH Datasheet HTML 25Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 26Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 27Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 28Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 29Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 30Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 31Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 32Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
Electrical characteristics
MPC5604E Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
29
3.8.1.2
External voltage regulation mode
In the external regulation mode, the core supply is provided externally using a switched regulator. This saves on-chip power
consumption by avoiding the voltage drop over the ballast transistor. The external supply mode is selected via a board level
supply change at the VDD_HV_S_BALLAST pin.
Figure 5. External Regulation Mode
3.8.1.3
Recommended power supply sequencing1
For MPC5604E, the external supplies need to be maintained as per the following relations:
•VDD_HV_IO should be always greater or equal to VDD_HV_S_Ballast
•VDD_HV_IO should be always greater than VDD_LV_COR0_X
•VDD_HV_IO should be always greater than VDD_HV_ADC
3.8.2
Voltage regulator electrical characteristics
1.Investigations are in process to relax power supply sequencing recommendation.
Power
Supply, e.g.,
switched or
linear
3.3V
1.2V
(1.15V-1.32V)
Vdd_HV_IO0_X
1.2V
Vss_HV_IO0_X
POR_B
Pads Pins
Vdd_LV_COR0_X
(3 supply pairs)
Vss_LV_COR0_X
Vdd_LV_REGCOR0
Vdd_HV_S_Ballast0/1
Vreg
relaxed
LVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com