Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC5604EEMLH Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button PPC5604EEMLH Datasheet HTML 20Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 21Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 22Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 23Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 24Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 25Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 26Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 27Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
MPC5604E Microcontroller Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
24
3.5
Thermal characteristics
Table 8. Thermal characteristics for 100-pin LQFP1
1 Thermal characteristics are targets based on simulation that are subject to change per device
characterization.
Symbol
Parameter
Conditions
Typical
value
Unit
RJA
Thermal resistance junction-to-ambient,
natural convection2
2 Junction-to-Ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test
board meets JEDEC specification for this package.
Single layer board—1s
51
°C/W
Four layer board—2s2p
38
°C/W
RJMA
Thermal resistance junction-to-ambient2
@ 200 ft./min.3, single layer
board—1s
3 Flow rate of forced air flow.
41
°C/W
@ 200 ft./min.3, four layer
board—2s2p
32
°C/W
RJB
Thermal resistance junction to board4
4 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC
specification for the specified package.
—23
°C/W
RJCtop Thermal resistance junction to case (top)
5
5 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate
temperature is used for the case temperature. Reported value includes the thermal resistance of the interface
layer.
—11
°C/W
JT
Junction to package top natural convection6
6 Thermal characterization parameter indicating the temperature difference between the package top and the
junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal
characterization parameter is written as Psi-JT.
—2
°C/W
Table 9. Thermal characteristics for 64-pin LQFP1
1 Thermal characteristics are targets based on simulation that are subject to change per device
characterization.
Symbol
Parameter
Conditions
Typical
value
Unit
RJA
Thermal resistance junction-to-ambient,
natural convection2
2 Junction-to-Ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test
board meets JEDEC specification for this package.
Single layer board—1s
64
°C/W
Four layer board—2s2p
45
°C/W
RJMA
Thermal resistance junction-to-ambient2
@ 200 ft./min.3, single layer
board—1s
52
°C/W
@ 200 ft./min.3, four layer
board—2s2p
39
°C/W
RJB
Thermal resistance junction to board4
—28
°C/W
RJCtop Thermal resistance junction to case (top)
5
—14
°C/W
JT
Junction to package top natural convection6
—3
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com