Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC5604EEMLH Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button PPC5604EEMLH Datasheet HTML 58Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 59Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 60Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 61Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 62Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 63Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 64Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 65Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
MPC5604E Microcontroller Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
62
Figure 33. MII transmit signal timing diagram
3.18.10.3 MII async inputs signal timing (CRS and COL)
Figure 34. MII async inputs timing diagram
3.18.10.4 MII serial management channel timing (MDIO and MDC)
The FEC functions correctly with a maximum MDC frequency of 5 MHz.
Table 36. MII async inputs signal timing1
1 Output pads configured with SRC = 0b11.
No.
Parameter
Min
Max
Unit
9
CRS, COL minimum pulse width
1.5
—
TX_CLK period
Table 37. MII serial management channel timing (MDIO and MDC)
No.
Parameter
Min
Max
Unit
1
MDIO Input delay setup
28
—
ns
2
MDIO Input delay hold
0—
ns
3
MDIO Output delay valid
—25
ns
4
MDIO Output delay Invalid
0—
ns
5
MDC clock period
100
—
ns
6
MDC Duty Cycle
40
60
%
7
TX_CLK (input)
TXD[3:0] (outputs)
TX_EN
TX_ER
6
CRS, COL
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com