Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC5604EEMLH Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button PPC5604EEMLH Datasheet HTML 60Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 61Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 62Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 63Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 64Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 65Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 66Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 67Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
MPC5604E Microcontroller Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
64
Figure 36. I2C input/output timing
3.18.12 SAI timing
All timing requirements are specified relative to the clock period or to the minimum allowed clock period of a device.
Table 39. Master Mode SAI Timing
No.
Parameter
Value
Unit
Min
Max
Operating voltage
2.7
3.6
V
S1
SAI_MCLK cycle time
40
—
ns
S2
SAI_MCLK pulse width high/low
45%
55%
MCLK period
S3
SAI_BCLK cycle time
80
—
BCLK period
S4
SAI_BCLK pulse width high/low
45%
55%
ns
S5
SAI_BCLK to SAI_FS output valid
—
15
ns
S6
SAI_BCLK to SAI_FS output invalid
0
—
ns
S7
SAI_BCLK to SAI_TXD valid
—
15
ns
S8
SAI_BCLK to SAI_TXD invalid
0
—
ns
S9
SAI_RXD/SAI_FS input setup before SAI_BCLK
28
—
ns
S10
SAI_RXD/SAI_FS input hold after SAI_BCLK
0
—
ns
SCL
SDA
1
2
3
4
5
6
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com