Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC5604EEMLH Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button PPC5604EEMLH Datasheet HTML 40Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 41Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 42Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 43Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 44Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 45Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 46Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 47Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
MPC5604E Microcontroller Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
44
TEABT
Erase Suspend Latency
—
—
30
30
s
TEABT
Erase Suspend Request Rate
10
—
—
—
ms
NER
Endurance (8KB, 16KB sectors)
Endurance (32KB, 64KB sectors)
Endurance (128KB sectors)
100
10
1
—
—
—
Kcycles
TDR
Data Retention at 1K cycles
Data Retention at 10K cycles
Data Retention at 100K cycles
20
10
5
—
—
—
Years
1 TBC = To be confirmed
2 Typical program and erase times assume nominal supply values and operation at 25 °C. All times are subject to
change pending device characterization.
3 Initial factory condition: < 100 program/erase cycles, 25 °C, typical supply voltage.
4 The maximum program & erase times occur after the specified number of program/erase cycles. These maximum
values are characterized but not guaranteed.
5 Actual hardware programming times. This does not include software overhead.
6 Typical Bank programming time assumes that all cells are programmed in a single pulse. In reality some cells will
require more than one pulse, adding a small overhead to total bank programming time (see Initial Max column).
Table 24. Data flash program and erase specifications1
1 TBC = To be confirmed
Symbol
Parameter
Min Value
Typical
Value2
(0 Cycles)
2 Typical program and erase times assume nominal supply values and operation at 25 °C. All times are subject to
change pending device characterization.
Initial
Max3
(100
Cycles)
Max4
(100000
Cycles)
Unit
TDWPRG
Word Program5
—30
TBC
TBC
s
TBKPRG
Bank Program (64 KB)5, 6
—0.49
TBC
TBC
s
TER16K
Sector Erase (16KB)
—
0.7
TBC
TBC
s
TER512K
Bank Erase (64KB)
—
1.9
TBC
TBC
s
TPABT
Program Abort Latency
—
—
12
12
s
TEABT
Erase Abort Latency
—
—
30
30
s
TEABT
Erase Suspend Latency
—
—
30
30
s
TEABT
Erase Suspend Request Rate
10
—
—
—
ms
NER
Endurance (16KB sectors)
100
—
—
—
K cycles
TDR
Data Retention at 1K cycles
Data Retention at 10K cycles
Data Retention at 100K cycles
20
10
1
—
—
—
Years
@85C
Table 23. Code flash program and erase specifications1
Symbol
Parameter
Min Value
Typical
Value2
(0 Cycles)
Initial
Max3
(100
Cycles)
Max4
(100000
Cycles)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com