Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC5604EEMLH Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button PPC5604EEMLH Datasheet HTML 67Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 68Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 69Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 70Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 71Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 72Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 73Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 74Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 75Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 74 / 75 page
background image
MPC5604E Microcontroller Data Sheet, Rev. 4
Document revision history
Freescale Semiconductor
74
5
Document revision history
Table 41. Revision history
Revision
Date
Substantive changes
1
15 Feb 2011
Initial Release
2
13 June 2011
• In the Recommended operating conditions table, changed the external supply voltage
changed from 1.14 V to 1.15 V
• Added a footnote in the Device Summary table
• Changed the description of VDD_HV_S_BALLAST0 in the Supply pins table
3
1 Nov 2011
• Editorial changes and improvements
• In the Low voltage monitor electrical characteristics table, changed the marking of
VPORUP from P to D
•In the DC electrical characteristics table, changed the IOL of the Medium, low level output
voltage to 2 mA. From the same table, removed VOL_SYM and VOH_SYM. Revised the IPU
and IPD
•In the Main oscillator electrical characteristics table, changed the minimum value of
transconductance to 4 mA/V
• In the 16 MHz RC oscillator electrical characteristics table, changed the marking of fRC
from P to C and revised its minimum and value.
• In the ADC conversion characteristics table, changed the minimum and maximum value
of TUE from TBD to -3 and 3
•In the Pin muxing table, C5 port ABS[2] assignment changed from SIUL to MC_RGM
•IRevised the 64-pin and 100-pin package pinouts and added a footnote.
•In the Supply pins table, revised the description of ADC0 pins
•In the Supply pins table, added a column Port Pin and renamed the Symbol column
•IRemoved Power Supply segment table
• In the Pin Muxing table, clarified the peripherals in the following port pins: C5, A3, A8,
A10, A12, A15, C3, C4, C5, C6, C12
• In the Low voltage monitor electrical characteristics table, changed the maximum value
of VMLVDDOK_H
• In the ADC conversion characteristics, changed the ADC sampling time to 500 ns
3.1
2 Dec 2011
• Inserted values for TBDs in the table EMI Testing Specifications
• From Supply Pins table, removed VVD_HV_ADV0
• In the PLLMRFM electrical specifications table, added the value of Self-clocked mode
frequency
• In the ADC conversion characteristics table, added the value of INJ
4
23 Jan 2012
• System Pin table, swapped the description of XTAL and EXTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com