Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC5604EEMLH Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button PPC5604EEMLH Datasheet HTML 50Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 51Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 52Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 53Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 54Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 55Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 56Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 57Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 75 page
background image
MPC5604E Microcontroller Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
54
3.18.5
External interrupt timing (IRQ pin)
Figure 21. External interrupt timing
3.18.6
FlexCAN timing
3.18.7
LINFlex timing
Minimum design target for interface frequency is 2 MBit/s.
Table 30. External interrupt timing1
1 IRQ timing specified at f
SYS = 64 MHz and VDD_HV_IOx = 3.0 V, TA = TL to TH, and CL = 200 pF with SRC = 0b00.
No.
Symbol
C
Parameter
Conditions
Min
Max Unit
1tIPWL
CC
D
IRQ pulse width low
—
4
—
tCYC
2tIPWH
CC
D
IRQ pulse width high
—
4
—
tCYC
3tICYC
CC
D
IRQ edge to edge time2
2 Applies when IRQ pins are configured for rising edge or falling edge events, but not both.
—4+N3
3 N = ISR time to clear the flag
—tCYC
Table 31. FlexCAN timing1
1 FlexCAN timing specified at f
SYS = 64 MHz, VDD = 1.35 V to 1.65 V, VDDEH = 3.0 V to 5.5 V, VRC33 and
VDDPLL = 3.0 V to 3.6 V, TA = TL to TH, and CL = 50 pF with SRC = 0b00.
Num
Characteristic
Symbol
Min. Value Max. Value
Unit
1
CTNX Output Valid after CLKOUT Rising Edge (Output Delay)
tCANOV
—
26.0
ns
2
CNRX Input Valid to CLKOUT Rising Edge (Setup Time)
tCANSU
—9.8
ns
IRQ
2
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com