Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC5604EEMLH Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button PPC5604EEMLH Datasheet HTML 38Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 39Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 40Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 41Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 42Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 43Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 44Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 45Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
MPC5604E Microcontroller Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
42
3.14.2
ADC conversion characteristics
Table 21. ADC conversion characteristics
Symbol
Parameter
Conditions1
Value
Unit
Min
Typ
Max
fCK
SR ADC clock frequency
(depends on ADC
configuration)
(The duty cycle depends on
ADCClk2 frequency)
—1
—
64
MHz
fs
SR Sampling frequency
—
—
—
1.53
MHz
tADC_S
D
Sample time3
fADC = 20 MHz,
ADC_conf_sample_input = 17
500
—
—
ns
fADC = 9 MHz,
INPSAMP = 255
—
—
28.2
µs
tADC_C
P
Conversion time4
fADC = 20 MHz
5,
ADC_conf_comp = 3
500
—
—
ns
CS
6
D
ADC input sampling
capacitance
——
—
2.5
pF
CP1
6
D
ADC input pin capacitance 1
—
—
—
0.87
pF
CP2
6
D
ADC input pin capacitance 2
—
—
—
1
pF
RSW1
6
D
Internal resistance of analog
source
——
—
0.6
k
RAD
6
D
Internal resistance of analog
source
——
—
2
k
IINJ
T
Input current injection
Current injection on one ADC input,
different from the converted one.
Remains within TUE specification
–5
—
5
mA
INL
P
Integral Non Linearity
No overload
–1.5
—
1.5
LSB
DNL
P
Differential Non Linearity
No overload
–1.0
—
1.0
LSB
OFS
T
Offset error
—
—
±1
—
LSB
GNE
T
Gain error
—
—
±1
—
LSB
TUE
P
Total unadjusted error
without current injection
—–3
—
3
LSB
TUE
T
Total unadjusted error with
current injection
—–3
—
3
LSB
TUE
P
Total unadjusted error
—
–3
—
3
LSB
TUEP
CC Total Unadjusted Error for
precise channels, input only
pins
No overload
-2
—
2
LSB
overload conditions on adjacent
channel
——
—
LSB
TUEX
CC Total Unadjusted Error for
extended channel,
No overload
-3
—
3
LSB
overload conditions on adjacent
channel
——
—
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com