Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC5604EEMLH Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button PPC5604EEMLH Datasheet HTML 51Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 52Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 53Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 54Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 55Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 56Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 57Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 58Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
Electrical characteristics
MPC5604E Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
55
3.18.8
DSPI timing
Table 32. DSPI timing
No.
Symbol
C
Parameter
Conditions
Min
Max
Unit
1tSCK
CC
D
DSPI cycle time
Master (MTFE = 0)
62.5
—
ns
Slave (MTFE = 0)
128
—
Master (MTFE = 1,CPHA=1)
31.25
—
2tCSC CC
D
CS to SCK delay
—
16
—
ns
3tASC
CC
D
After SCK delay
—
16
—
ns
4tSDC CC
D
SCK duty cycle
—
0.4 * tSCK 0.6 * tSCK ns
5tA
CC
D
Slave access time
SS active to SOUT valid
—
40
ns
6tDIS
CC
D
Slave SOUT disable time
SS inactive to SOUT High-Z or
invalid
—
10
ns
7tPCSC CC
D
PCSx to PCSS time
—
13
—
ns
8tPASC CC
D
PCSS to PCSx time
—
13
—
ns
9tSUI
CC
D
Data setup time for inputs
Master (MTFE = 0)
12
—
ns
Slave
2—
Master (MTFE = 1, CPHA = 0)
NA1
1 This mode is not feasible at 32 MHz.
Master (MTFE = 1, CPHA = 1)
12
—
10
tHI
CC
D
Data hold time for inputs
Master (MTFE = 0)
–5
—
ns
Slave
4
—
Master (MTFE = 1, CPHA = 0)
NA1
Master (MTFE = 1, CPHA = 1)
–5
—
11
tSUO CC
D
Data valid (after SCK edge)
Master (MTFE = 0)
—
4
ns
Slave
—
33
Master (MTFE = 1, CPHA = 0)
NA1
Master (MTFE = 1, CPHA = 1)
—
11
12
tHO
CC
D
Data hold time for outputs
Master (MTFE = 0)
–2
—
ns
Slave
6
—
Master (MTFE = 1, CPHA = 0)
NA1
Master (MTFE = 1, CPHA = 1)
–2
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com