Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 25 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 25 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 21Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 22Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 23Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 24Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 25Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 26Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 27Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 28Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. B
|
Page 25 of 68
|
March 2013
Clock Signals
The ADSP-2148x can use an external clock or a crystal. See the
CLKIN pin description in Table 11 on Page 14. Programs can
configure the processor to use its internal clock generator by
connecting the necessary components to CLKIN and XTAL.
Figure 7 shows the component connections used for a crystal
operating in fundamental mode. Note that the clock rate is
achieved using a 25 MHz crystal and a PLL multiplier ratio 16:1
(CCLK:CLKIN achieves a clock speed of 400 MHz). To achieve
the full core clock rate, programs need to configure the multi-
plier bits in the PMCTL register.
Figure 7. Recommended Circuit for
Fundamental Mode Crystal Operation
C1
22pF
Y1
R1
XTAL
CLKIN
C2
22pF
25MHz
R2
47
TYPICAL VALUES
ADSP-2148x
CHOOSE C1 AND C2 BASED ON THE CRYSTAL Y1.
R2 SHOULD BE CHOSEN TO LIMIT CRYSTAL DRIVE
POWER. REFER TO CRYSTAL MANUFACTURER’S
SPECIFICATIONS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com