Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 56 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 56 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 52Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 53Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 54Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 55Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 56Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 57Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 58Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 59Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
Rev. B
|
Page 56 of 68
|
March 2013
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
THERMAL CHARACTERISTICS
The ADSP-2148x processor is rated for performance over the
temperature range specified in Operating Conditions on
Page 18.
Table 57 airflow measurements comply with JEDEC standards
JESD51-2 and JESD51-6, and the junction-to-board measure-
ment complies with JESD51-8. Test board design complies with
JEDEC standards JESD51-7 (LQFP_EP). The junction-to-case
measurement complies with MIL- STD-883. All measurements
use a 2S2P JEDEC test board.
To determine the junction temperature of the device while on
the application PCB, use:
where:
TJ = junction temperature °C
TCASE = case temperature (°C) measured at the top center of the
package
JT = junction-to-top (of package) characterization parameter
is the Typical value from Table 57.
PD = power dissipation
Values of JA are provided for package comparison and PCB
design considerations. JA can be used for a first order approxi-
mation of TJ by the equation:
where:
TA = ambient temperature °C
Values of JC are provided for package comparison and PCB
design considerations when an external heatsink is required.
Figure 45. Typical Output Rise/Fall Time
(20% to 80%, VDD_EXT = Min)
Figure 46. Typical Output Rise/Fall Delay
(VDD_EXT = Max)
LOAD CAPACITANCE (pF)
6
0
0
10
4
2
25
200
150
50
75
100
125
175
y = 0.0571x + 0.5558
y = 0.0278x + 0.3138
y = 0.0258x + 0.3684
TYPE A DRIVE FALL
TYPE A DRIVE RISE
TYPE B DRIVE RISE
TYPE B DRIVE FALL
8
12
14
y = 0.0747x + 0.5154
LOAD CAPACITANCE (pF)
3
0
3.5
2
1
0.5
1.5
2.5
y = 0.0152x + 1.7607
y = 0.0068x + 1.7614
y = 0.0196x + 1.2945
y = 0.0074x + 1.421
0
25
200
150
50
75
100
125
175
TYPE A DRIVE FALL
TYPE A DRIVE RISE
TYPE B DRIVE RISE
TYPE B DRIVE FALL
4
4.5
Figure 47. Typical Output Rise/Fall Delay
(VDD_EXT = Min)
LOAD CAPACITANCE (pF)
6
0
0
7
4
2
1
3
125
200
100
25
175
50
75
150
5
y = 0.0256x + 3.5859
y = 0.0116x + 3.5697
8
y = 0.0359x + 2.924
9
y = 0.0136x + 3.1135
TYPE A DRIVE FALL
TYPE A DRIVE RISE
TYPE B DRIVE FALL
TYPE B DRIVE RISE
T
J
T
CASE
JT
P
D

+
=
T
J
T
A
JA
P
D

+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com