Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 13 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 13 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 9Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 10Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 11Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 12Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 13Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 14Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 15Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 16Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. B
|
Page 13 of 68
|
March 2013
Middleware Packages
Analog Devices separately offers middleware add-ins such as
real time operating systems, file systems, USB stacks, and
TCP/IP stacks. For more information see the following web
pages:
• www.analog.com/ucos3
• www.analog.com/ucfs
• www.analog.com/ucusbd
• www.analog.com/lwip
Algorithmic Modules
To speed development, Analog Devices offers add-ins that per-
form popular audio and video processing algorithms. These are
available for use with both CrossCore Embedded Studio and
VisualDSP++. For more information visit www.analog.com and
search on “Blackfin software modules” or “SHARC software
modules”.
Designing an Emulator-Compatible DSP Board (Target)
For embedded system test and debug, Analog Devices provides
a family of emulators. On each JTAG DSP, Analog Devices sup-
plies an IEEE 1149.1 JTAG Test Access Port (TAP). In-circuit
emulation is facilitated by use of this JTAG interface. The emu-
lator accesses the processor’s internal features via the
processor’s TAP, allowing the developer to load code, set break-
points, and view variables, memory, and registers. The
processor must be halted to send data and commands, but once
an operation is completed by the emulator, the DSP system is set
to run at full speed with no impact on system timing. The emu-
lators require the target board to include a header that supports
connection of the DSP’s JTAG port to the emulator.
For details on target board design issues including mechanical
layout, single processor connections, signal buffering, signal ter-
mination, and emulator pod logic, see the Engineer-to-Engineer
Note “Analog Devices JTAG Emulation Technical Reference”
(EE-68) on the Analog Devices website (www.analog.com)—use
site search on “EE-68.” This document is updated regularly to
keep pace with improvements to emulator support.
ADDITIONAL INFORMATION
This data sheet provides a general overview of the ADSP-2148x
architecture and functionality. For detailed information on the
ADSP-2148x family core architecture and instruction set, refer
to the SHARC Processor Programming Reference.
RELATED SIGNAL CHAINS
A signal chain is a series of signal-conditioning electronic com-
ponents that receive input (data acquired from sampling either
real-time phenomena or from stored data) in tandem, with the
output of one portion of the chain supplying input to the next.
Signal chains are often used in signal processing applications to
gather and process data or to apply system controls based on
analysis of real-time phenomena. For more information about
this term and related topics, see the “signal chain” entry in the
Glossary of EE Terms on the Analog Devices website.
Analog Devices eases signal processing system development by
providing signal processing components that are designed to
work together well. A tool for viewing relationships between
specific applications and related components is available on the
www.analog.com website.
The Circuits from the LabTM site (www.analog.com/circuits)
provides:
• Graphical circuit block diagram presentation of signal
chains for a variety of circuit types and applications
• Drill down links for components in each chain to selection
guides and application information
• Reference designs applying best practice design techniques



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com