Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 67 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 67 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 60Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 61Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 62Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 63Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 64Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 65Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 66Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 67Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 68Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. B
|
Page 67 of 68
|
March 2013
ADSP-21488BSWZ-3A
–40°C to +85°C
3 Mbit
350 MHz
100-Lead LQFP_EP
SW-100-2
ADSP-21488KSWZ-3A
0°C to +70°C
3 Mbit
350 MHz
100-Lead LQFP_EP
SW-100-2
ADSP-21488KSWZ-3A1
5
0°C to +70°C
3 Mbit
350 MHz
100-Lead LQFP_EP
SW-100-2
ADSP-21488KSWZ-3B
0°C to +70°C
3 Mbit
350 MHz
176-Lead LQFP_EP
SW-176-2
ADSP-21488BSWZ-3B
–40°C to +85°C
3 Mbit
350 MHz
176-Lead LQFP_EP
SW-176-2
ADSP-21488KSWZ-4A
0°C to +70°C
3 Mbit
400 MHz
100-Lead LQFP_EP
SW-100-2
ADSP-21488BSWZ-4A
–40°C to +85°C
3 Mbit
400 MHz
100-Lead LQFP_EP
SW-100-2
ADSP-21488KSWZ-4B
0°C to +70°C
3 Mbit
400 MHz
176-Lead LQFP_EP
SW-176-2
ADSP-21488BSWZ-4B
–40°C to +85°C
3 Mbit
400 MHz
176-Lead LQFP_EP
SW-176-2
ADSP-21488KSWZ-4B1
5
0°C to +70°C
3 Mbit
400 MHz
176-Lead LQFP_EP
SW-176-2
ADSP-21489KSWZ-3A
0°C to +70°C
5 Mbit
350 MHz
100-Lead LQFP_EP
SW-100-2
ADSP-21489BSWZ-3A
–40°C to +85°C
5 Mbit
350 MHz
100-Lead LQFP_EP
SW-100-2
ADSP-21489KSWZ-3B
0°C to +70°C
5 Mbit
350 MHz
176-Lead LQFP_EP
SW-176-2
ADSP-21489BSWZ-3B
–40°C to +85°C
5 Mbit
350 MHz
176-Lead LQFP_EP
SW-176-2
ADSP-21489KSWZ-4A
0°C to +70°C
5 Mbit
400 MHz
100-Lead LQFP_EP
SW-100-2
ADSP-21489BSWZ-4A
–40°C to +85°C
5 Mbit
400 MHz
100-Lead LQFP_EP
SW-100-2
ADSP-21489KSWZ-4B
0°C to +70°C
5 Mbit
400 MHz
176-Lead LQFP_EP
SW-176-2
ADSP-21489BSWZ-4B
–40°C to +85°C
5 Mbit
400 MHz
176-Lead LQFP_EP
SW-176-2
ADSP-21489KSWZ-5B
4
0°C to +70°C
5 Mbit
450 MHz
176-Lead LQFP_EP
SW-176-2
1 Z = RoHS compliant part.
2 Referenced temperature is ambient temperature. The ambient temperature is not a specification. Please see Operating Conditions on Page 18 for junction temperature (TJ)
specification, which is the only temperature specification.
3 The ADSP-21483, ADSP-21486, and ADSP-21487 models are available with factory programmed ROM including the latest multichannel audio decoding and post-processing
algorithms from Dolby Labs and DTS. ROM contents may vary depending on chip version and silicon revision. Please visit www.analog.com for complete information.
4 See Engineer-to-Engineer Note “Static Voltage Scaling for ADSP-2148x Processors” (EE-357) for operating ADSP-2148x processors at 450 MHz.
5 This product contains a –140 dB sample rate converter.
Model1
Notes
Temperature
Range2
RAM
Processor Instruction
Rate (Max)
Package Description
Package
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com