Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 18 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 18 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 14Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 15Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 16Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 17Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 18Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 19Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 20Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 21Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
Rev. B
|
Page 18 of 68
|
March 2013
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
SPECIFICATIONS
OPERATING CONDITIONS
300 MHz / 350 MHz / 400 MHz
450 MHz
Unit
Parameter1
1 Specifications subject to change without notice.
Description
Min
Nom
Max
Min
Nom
Max
VDD_INT
2
2 SVSNOM refers to the nominal SVS voltage which is set between 1.0 V and 1.15 V at the factory for each individual device. Only the unique SVSNOM value in each chip may
be used for 401 MHz to 450 MHz operation of that chip. This spec lists the possible range of the SVSNOM values for all devices. The initial VDD_INT voltage at power on is
1.1 V nominal and it transitions to SVS programmed voltage as outlined in Engineer-to-Engineer Note “Static Voltage Scaling for ADSP-2148x Processors” (EE-357).
Internal (Core) Supply Voltage
1.05
1.1
1.15
SVSNOM – 25 mV
1.0 – 1.15
SVSNOM + 25 mV
V
VDD_EXT
External (I/O) Supply Voltage
3.13
3.47
3.13
3.47
V
VDD_THD
Thermal Diode Supply Voltage
3.13
3.47
3.13
3.47
V
VIH
3
3 Applies to input and bidirectional pins: ADDR23–0, DATA15–0, FLAG3–0, DAI_Px, DPI_Px, BOOT_CFGx, CLK_CFGx, RUNRSTIN, RESET, TCK, TMS, TDI, TRST,
AMI_ACK, MLBCLK, MLBDAT, MLBSIG.
High Level Input Voltage @
VDD_EXT = Max
2.0
3.6
2.0
3.6
V
VIL
3
Low Level Input Voltage @
VDD_EXT = Min
–0.3
0.8
–0.3
0.8
V
VIH_CLKIN
4
4 Applies to input pins CLKIN, WDT_CLKIN.
High Level Input Voltage @
VDD_EXT = Max
2.2
VDD_EXT
2.2
VDD_EXT
V
VIL_CLKIN
Low Level Input Voltage @
VDD_EXT = Min
–0.3
+0.8
–0.3
+0.8
V
TJ
Junction Temperature
100-Lead LQFP_EP @
TAMBIENT 0°C to +70°C
0
110
0
115
°C
TJ
Junction Temperature
100-Lead LQFP_EP
@ TAMBIENT –40°C to +85°C
–40
125
NA
NA
°C
TJ
Junction Temperature
176-Lead LQFP_EP
@ TAMBIENT 0°C to +70°C
0
110
0
115
°C
TJ
Junction Temperature
176-Lead LQFP_EP
@ TAMBIENT –40°C to +85°C
–40
125
NA
NA
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com