Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 15 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 15 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 11Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 12Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 13Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 14Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 15Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 16Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 17Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 18Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. B
|
Page 15 of 68
|
March 2013
SDRAS
O/T (ipu)
High-Z/
driven high
SDRAM Row Address Strobe. Connect to SDRAM’s RAS pin. In conjunction with other
SDRAM command pins, defines the operation for the SDRAM to perform.
SDCAS
O/T (ipu)
High-Z/
driven high
SDRAM Column Address Select. Connect to SDRAM’s CAS pin. In conjunction with
other SDRAM command pins, defines the operation for the SDRAM to perform.
SDWE
O/T (ipu)
High-Z/
driven high
SDRAM Write Enable. Connect to SDRAM’s WE or W buffer pin. In conjunction with
other SDRAM command pins, defines the operation for the SDRAM to perform.
SDCKE
O/T (ipu)
High-Z/
driven high
SDRAM Clock Enable. Connect to SDRAM’s CKE pin. Enables and disables the CLK
signal. For details, see the data sheet supplied with the SDRAM device.
SDA10
O/T (ipu)
High-Z/
driven high
SDRAM A10 Pin. Enables applications to refresh an SDRAM in parallel with non-SDRAM
accesses. This pin replaces the DSP’s ADDR10 pin only during SDRAM accesses.
SDDQM
O/T (ipu)
High-Z/
driven high
DQM Data Mask. SDRAM Input mask signal for write accesses and output mask signal
for read accesses. Input data is masked when DQM is sampled high during a write cycle.
The SDRAM output buffers are placed in a High-Z state when DQM is sampled high
during a read cycle. SDDQM is driven high from reset de-assertion until SDRAM initial-
ization completes. Afterwards it is driven low irrespective of whether any SDRAM
accesses occur or not.
SDCLK
O/T (ipd)
High-Z/
driving
SDRAM Clock Output. Clock driver for this pin differs from all other clock drivers. See
Figure 41 on Page 55. For models in the 100-lead package, the SDRAM interface should
be disabled to avoid unnecessary power switching by setting the DSDCTL bit in SDCTL
register. For more information, see the ADSP-214xx SHARC Processor Hardware Reference.
DAI _P20–1
I/O/T (ipu)
High-Z
Digital Applications Interface. These pins provide the physical interface to the DAI
SRU. The DAI SRU configuration registers define the combination of on-chip audio-
centric peripheral inputs or outputs connected to the pin and to the pin’s output enable.
The configuration registers of these peripherals then determines the exact behavior of
the pin. Any input or output signal present in the DAI SRU may be routed to any of these
pins.
DPI _P14–1
I/O/T (ipu)
High-Z
Digital Peripheral Interface. These pins provide the physical interface to the DPI SRU.
The DPI SRU configuration registers define the combination of on-chip peripheral
inputs or outputs connected to the pin and to the pin’s output enable. The configu-
ration registers of these peripherals then determines the exact behavior of the pin. Any
input or output signal present in the DPI SRU may be routed to any of these pins.
WDT_CLKIN
I
Watchdog Timer Clock Input. This pin should be pulled low when not used.
WDT_CLKO
O
Watchdog Resonator Pad Output.
WDTRSTO
O (ipu)
Watchdog Timer Reset Out.
THD_P
I
Thermal Diode Anode. When not used, this pin can be left floating.
THD_M
O
Thermal Diode Cathode. When not used, this pin can be left floating.
Table 11. Pin Descriptions (Continued)
Name
Type
State
During/
After Reset
Description
The following symbols appear in the Type column of this table: A = asynchronous, I = input, O = output, S = synchronous, A/D = active drive,
O/D = open drain, and T = three-state, ipd = internal pull-down resistor, ipu = internal pull-up resistor.
The internal pull-up (ipu) and internal pull-down (ipd) resistors are designed to hold the internal path from the pins at the expected logic
levels. To pull-up or pull-down the external pads to the expected logic levels, use external resistors. Internal pull-up/pull-down resistors cannot
be enabled/disabled and the value of these resistors cannot be programmed. The range of an ipu resistor can be between 26 kΩ–63 kΩ. The
range of an ipd resistor can be between 31 kΩ–85kΩ. The three-state voltage of ipu pads will not reach to the full VDD_EXT level; at typical
conditions the voltage is in the range of 2.3 V to 2.7 V.
In this table, all pins are LVTTL compliant with the exception of the thermal diode pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com