Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 32 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 32 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 28Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 29Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 30Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 31Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 32Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 33Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 34Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 35Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
Rev. B
|
Page 32 of 68
|
March 2013
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
SDRAM Interface Timing (166 MHz SDCLK)
The maximum frequency for SDRAM is 166 MHz. For informa-
tion on SDRAM frequency and programming, see the
ADSP-214xx SHARC Processor Hardware Reference, Engineer-
to-Engineer Note “Interfacing SDRAM Memories to SHARC
Processors” (EE-286), and the SDRAM vendor data sheet.
Table 31. SDRAM Interface Timing
Parameter
Min
Max
Unit
Timing Requirements
tSSDAT
DATA Setup Before SDCLK
0.7
ns
tHSDAT
DATA Hold After SDCLK
1.23
ns
Switching Characteristics
tSDCLK
1
SDCLK Period
6
ns
tSDCLKH
SDCLK Width High
2.2
ns
tSDCLKL
SDCLK Width Low
2.2
ns
tDCAD
2
Command, ADDR, Data Delay After SDCLK
4
ns
tHCAD
2
Command, ADDR, Data Hold After SDCLK
1
ns
tDSDAT
Data Disable After SDCLK
5.3
ns
tENSDAT
Data Enable After SDCLK
0.3
ns
1 Systems should use the SDRAM model with a speed grade higher than the desired SDRAM controller speed. For example, to run the SDRAM controller at 166 MHz the
SDRAM model with a speed grade of 183 MHz or above should be used. See Engineer-to-Engineer Note “Interfacing SDRAM Memories to SHARC Processors” (EE-286) for
more information on hardware design guidelines for the SDRAM interface.
2 Command pins include: SDCAS, SDRAS, SDWE, MSx, SDA10, SDCKE.
Figure 18. SDRAM Interface Timing
SDCLK
DATA (IN)
DATA (OUT)
COMMAND/ADDR
(OUT)
tSDCLKH
tSDCLKL
tHSDAT
tSSDAT
tHCAD
tDCAD
tENSDAT
tDCAD
tDSDAT
tHCAD
tSDCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com