Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 57 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 57 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 53Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 54Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 55Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 56Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 57Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 58Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 59Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 60Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. B
|
Page 57 of 68
|
March 2013
Note that the thermal characteristics values provided in
Table 56 and Table 57 are modeled values.
Thermal Diode
The ADSP-2148x processors incorporate thermal diode/s to
monitor the die temperature. The thermal diode of is a
grounded collector, PNP Bipolar Junction Transistor (BJT). The
THD_P pin is connected to the emitter and the THD_M pin is
connected to the base of the transistor. These pins can be used
by an external temperature sensor (such as ADM 1021A or
LM86 or others) to read the die temperature of the chip.
The technique used by the external temperature sensor is to
measure the change in VBE when the thermal diode is operated
at two different currents. This is shown in the following
equation:
where:
n = multiplication factor close to 1, depending on process
variations
k = Boltzmann’s constant
T = temperature (°C)
q = charge of the electron
N = ratio of the two currents
The two currents are usually in the range of 10 micro Amperes
to 300 micro Amperes for the common temperature sensor
chips available.
Table 58 contains the thermal diode specifications using the
transistor model.
Table 56. Thermal Characteristics for 100-Lead LQFP_EP
Parameter
Condition
Typical
Unit
JA
Airflow = 0 m/s
17.8
°C/W
JMA
Airflow = 1 m/s
15.4
°C/W
JMA
Airflow = 2 m/s
14.6
°C/W
JC
2.4
°C/W
JT
Airflow = 0 m/s
0.24
°C/W
JMT
Airflow = 1 m/s
0.37
°C/W
JMT
Airflow = 2 m/s
0.51
°C/W
Table 57. Thermal Characteristics for 176-Lead LQFP_EP
Parameter
Condition
Typical
Unit
JA
Airflow = 0 m/s
16.9
°C/W
JMA
Airflow = 1 m/s
14.6
°C/W
JMA
Airflow = 2 m/s
13.8
°C/W
JC
2.3
°C/W
JT
Airflow = 0 m/s
0.21
°C/W
JMT
Airflow = 1 m/s
0.32
°C/W
JMT
Airflow = 2 m/s
0.41
°C/W
V
BE
n
kT
q
------
In(N)
=
Table 58. Thermal Diode Parameters – Transistor Model1
Symbol
Parameter
Min
Typ
Max
Unit
IFW
2
Forward Bias Current
10
300
μA
IE
Emitter Current
10
300
μA
nQ
3, 4
Transistor Ideality
1.012
1.015
1.017
RT
3, 5
Series Resistance
0.12
0.2
0.28
Ω
1 See Engineer-to-Engineer Note “Using the On-Chip Thermal Diode on Analog Devices Processors” (EE-346).
2 Analog Devices does not recommend operation of the thermal diode under reverse bias.
3 Specified by design characterization.
4 The ideality factor, nQ, represents the deviation from ideal diode behavior as exemplified by the diode equation: IC = IS × (e qVBE/nqkT –1) where IS = saturation current,
q = electronic charge, VBE = voltage across the diode, k = Boltzmann Constant, and T = absolute temperature (Kelvin).
5 The series resistance (RT) can be used for more accurate readings as needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com