Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 54 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 54 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 50Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 51Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 52Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 53Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 54Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 55Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 56Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 57Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
Rev. B
|
Page 54 of 68
|
March 2013
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
JTAG Test Access Port and Emulation
Table 54. JTAG Test Access Port and Emulation
Parameter
Min
Max
Unit
Timing Requirements
tTCK
TCK Period
20
ns
tSTAP
TDI, TMS Setup Before TCK High
5
ns
tHTAP
TDI, TMS Hold After TCK High
6
ns
tSSYS
1
1 System Inputs = DATA15–0, CLK_CFG1–0, RESET, BOOT_CFG2–0, DAI_Px, DPI_Px, and FLAG3–0.
System Inputs Setup Before TCK High
7
ns
tHSYS
1
System Inputs Hold After TCK High
18
ns
tTRSTW
TRST Pulse Width
4tCK
ns
Switching Characteristics
tDTDO
TDO Delay from TCK Low
10
ns
tDSYS
2
2 System Outputs = DAI_Px, DPI_Px ADDR23–0, AMI_RD, AMI_WR, FLAG3–0, SDRAS, SDCAS, SDWE, SDCKE, SDA10, SDDQM, SDCLK and EMU.
System Outputs Delay After TCK Low
tTCK ÷ 2 + 7
ns
Figure 40. IEEE 1149.1 JTAG Test Access Port
TCK
TMS
TDI
TDO
SYSTEM
INPUTS
SYSTEM
OUTPUTS
tTCK
tSTAP
tHTAP
tDTDO
tSSYS
tHSYS
tDSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com