Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 33 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 33 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 29Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 30Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 31Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 32Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 33Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 34Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 35Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 36Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. B
|
Page 33 of 68
|
March 2013
AMI Read
Use these specifications for asynchronous interfacing to memo-
ries. Note that timing for AMI_ACK, ADDR, DATA, AMI_RD,
AMI_WR, and strobe timing parameters only apply to asyn-
chronous access mode.
Table 32. AMI Read
Parameter
Min
Max
Unit
Timing Requirements
tDAD
1, 2, 3
Address Selects Delay to Data Valid
W + tSDCLK –5.4
ns
tDRLD
1, 3
AMI_RD Low to Data Valid
W – 3.2
ns
tSDS
Data Setup to AMI_RD High
2.5
ns
tHDRH
4, 5
Data Hold from AMI_RD High
0
ns
tDAAK
2, 6
AMI_ACK Delay from Address, Selects
tSDCLK –9.5 + W
ns
tDSAK
4
AMI_ACK Delay from AMI_RD Low
W – 7
ns
Switching Characteristics
tDRHA
Address Selects Hold After AMI_RD High
RHC + 0.20
ns
tDARL
2
Address Selects to AMI_RD Low
tSDCLK – 3.8
ns
tRW
AMI_RD Pulse Width
W – 1.4
ns
tRWR
AMI_RD High to AMI_RD Low
HI + tSDCLK – 1
ns
W = (number of wait states specified in AMICTLx register) × tSDCLK.
RHC = (number of Read Hold Cycles specified in AMICTLx register) × tSDCLK
Where PREDIS = 0
HI = RHC: Read to Read from same bank
HI = RHC + IC: Read to Read from different bank
HI = RHC + Max (IC, (4 × tSDCLK)): Read to Write from same or different bank
Where PREDIS = 1
HI = RHC + Max (IC, (4 × tSDCLK)): Read to Write from same or different bank
HI = RHC + (3 × tSDCLK): Read to Read from same bank
HI = RHC + Max (IC, (3 × tSDCLK): Read to Read from different bank
IC = (number of idle cycles specified in AMICTLx register) × tSDCLK
H = (number of hold cycles specified in AMICTLx register) × tSDCLK
1 Data delay/setup: System must meet tDAD, tDRLD, or tSDS.
2 The falling edge of MSx, is referenced.
3 The maximum limit of timing requirement values for tDAD and tDRLD parameters are applicable for the case where AMI_ACK is always high and when the ACK feature is not
used.
4 Note that timing for AMI_ACK, ADDR, DATA, AMI_RD, AMI_WR, and strobe timing parameters only apply to asynchronous access mode.
5 Data hold: User must meet tHDRH in asynchronous access mode. See Test Conditions on Page 55 for the calculation of hold times given capacitive and dc loads.
6 AMI_ACK delay/setup: User must meet tDAAK, or tDSAK, for deassertion of AMI_ACK (low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com