Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 21 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 17Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 18Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 19Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 20Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 21Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 22Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 23Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 24Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. B
|
Page 21 of 68
|
March 2013
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed in Table 16 may cause perma-
nent damage to the device. These are stress ratings only;
functional operation of the device at these or any other condi-
tions greater than those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
ESD SENSITIVITY
MAXIMUM POWER DISSIPATION
See Engineer-to-Engineer Note “Estimating Power Dissipation
for ADSP-214xx SHARC Processors” (EE-348) for detailed ther-
mal and power information regarding maximum power
dissipation. For information on package thermal specifications,
see Thermal Characteristics on Page 56.
PACKAGE INFORMATION
The information presented in Figure 3 provides details about
the package branding for the ADSP-2148x processors. For a
complete listing of product availability, see Ordering Guide on
Page 66.
Table 15. Dynamic Current in CCLK Domain—IDD_INT_DYNAMIC (mA, with ASF = 1.0)
1, 2
fCCLK
(MHz)
VDD_INT (V)
0.975 V
1.0 V
1.025 V
1.05 V
1.075 V
1.10 V
1.125 V
1.15 V
1.175 V
100
76
7781
848788
909295
150
117
119
123
126
130
133
136
139
144
200
153
156
161
165
170
174
179
183
188
250
190
195
201
207
212
217
223
229
235
300
227
233
240
246
253
260
266
273
280
350
263
272
278
286
294
302
309
318
325
400
300
309
317
326
335
344
352
361
370
450
339
349
356
365
374
385
394
405
415
1 The values are not guaranteed as standalone maximum specifications. They must be combined with static current per the equations of Electrical Characteristics on Page 19.
2 Valid frequency and voltage ranges are model-specific. See Operating Conditions on Page 18.
Table 16. Absolute Maximum Ratings
Parameter
Rating
Internal (Core) Supply Voltage (VDD_INT) –0.3 V to +1.32 V
External (I/O) Supply Voltage (VDD_EXT)–0.3 V to +3.6 V
Thermal Diode Supply Voltage
(VDD_THD)
–0.3 V to +3.6 V
Input Voltage
–0.5 V to +3.6 V
Output Voltage Swing
–0.5 V to VDD_EXT +0.5 V
Storage Temperature Range
–65°C to +150°C
Junction Temperature While Biased
125°C
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary protection circuitry, damage
may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to
avoid performance degradation or loss of functionality.
Figure 3. Typical Package Brand
Table 17. Package Brand Information1
1 Nonautomotive only. For branding information specific to automotive products,
contact Analog Devices Inc.
Brand Key
Field Description
t
Temperature Range
pp
Package Type
Z
RoHS Compliant Option
cc
See Ordering Guide
vvvvvv.x
Assembly Lot Code
n.n
Silicon Revision
#
RoHS Compliant Designation
yyww
Date Code
vvvvvv.x n.n
tppZ-cc
S
ADSP-2148x
a
#yyww country_of_origin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com