Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 44 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 44 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 40Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 41Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 42Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 43Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 44Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 45Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 46Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 47Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
Rev. B
|
Page 44 of 68
|
March 2013
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Sample Rate Converter—Serial Output Port
For the serial output port, the frame sync is an input, and it
should meet setup and hold times with regard to SCLK on the
output port. The serial data output has a hold time and delay
specification with regard to serial clock. Note that serial clock
rising edge is the sampling edge, and the falling edge is the
drive edge.
Table 42. ASRC, Serial Output Port
Parameter
Min
Max
Unit
Timing Requirements
tSRCSFS
1
Frame Sync Setup Before Serial Clock Rising Edge
4
ns
tSRCHFS
1
Frame Sync Hold After Serial Clock Rising Edge
5.5
ns
tSRCCLKW
Clock Width
(tPCLK × 4) ÷ 2 – 1
ns
tSRCCLK
Clock Period
tPCLK × 4
ns
Switching Characteristics
tSRCTDD
1
Transmit Data Delay After Serial Clock Falling Edge
9.9
ns
tSRCTDH
1
Transmit Data Hold After Serial Clock Falling Edge
1
ns
1 The serial clock, data, and frame sync signals can come from any of the DAI pins. The serial clock and frame sync signals can also come via PCG or SPORTs. PCG’s input
can be either CLKIN or any of the DAI pins.
Figure 28. ASRC Serial Output Port Timing
DAI_P20–1
(SCLK)
SAMPLE EDGE
DAI_P20–1
(FS)
DAI_P20–1
(SDATA)
tSRCCLK
tSRCCLKW
tSRCSFS
tSRCHFS
tSRCTDD
tSRCTDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com