Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 24 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 24 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 20Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 21Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 22Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 23Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 24Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 25Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 26Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 27Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
Rev. B
|
Page 24 of 68
|
March 2013
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Clock Input
Figure 5. Power-Up Sequencing
Table 20. Clock Input
Parameter
300 MHz
350 MHz
400 MHz
450 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Timing Requirements
tCK
CLKIN Period
26.661
1 Applies only for CLK_CFG1–0 = 00 and default values for PLL control bits in PMCTL.
1002
2 Applies only for CLK_CFG1–0 = 01 and default values for PLL control bits in PMCTL.
22.81
1002
201
1002
17.751
1002
ns
tCKL
CLKIN Width Low
13
45
11
45
10
45
8.875
45
ns
tCKH
CLKIN Width High
13
45
11
45
10
45
8.875
45
ns
tCKRF
3
3 Guaranteed by simulation but not tested on silicon.
CLKIN Rise/Fall (0.4 V to 2.0 V)
3
3
3
3
ns
tCCLK
4
4 Any changes to PLL control bits in the PMCTL register must meet core clock timing specification t
CCLK.
CCLK Period
3.33
10
2.85
10
2.5
10
2.22
10
ns
fVCO
5
5 See Figure 4 on Page 22 for VCO diagram.
VCO Frequency
200
800
200
800
200
800
200
900
MHz
tCKJ
6, 7
6 Actual input jitter should be combined with ac specifications for accurate timing analysis.
7 Jitter specification is maximum peak-to-peak time interval error (TIE) jitter.
CLKIN Jitter Tolerance
–250
+250
–250
+250
–250
+250
–250
+250
ps
Figure 6. Clock Input
tRSTVDD
tCLKVDD
tCLKRST
tCORERST
tPLLRST
VDDEXT
VDDINT
CLKIN
CLK_CFG1–0
RESET
RESETOUT
tIVDDEVDD
CLKIN
tCK
tCKL
tCKH
tCKJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com