Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9974BBCZ
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9974BBCZ Datasheet HTML 27Page - Analog Devices AD9974BBCZ Datasheet HTML 28Page - Analog Devices AD9974BBCZ Datasheet HTML 29Page - Analog Devices AD9974BBCZ Datasheet HTML 30Page - Analog Devices AD9974BBCZ Datasheet HTML 31Page - Analog Devices AD9974BBCZ Datasheet HTML 32Page - Analog Devices AD9974BBCZ Datasheet HTML 33Page - Analog Devices AD9974BBCZ Datasheet HTML 34Page - Analog Devices AD9974BBCZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
AD9974
Rev. A | Page 31 of 52
SHA Mode—Differential Input Configuration
This configuration uses a differential input sample/hold
amplifier (SHA) (see Figure 43).
IMAGE
SENSOR
SHA/
CDS
CCDINM
CCDINP
AD9974
Figure 43. SHA Mode—Differential Input Configuration
In this configuration, a signal is applied to the CCDINP input
and, simultaneously, an inverse signal is applied to the CCDINM
input. Sampling occurs on both signals at the same time. This
creates the differential output for amplification and the ADC
(see Figure 44 and Table 18).
(N + 1) SIGNAL SAMPLE
(N) SIGNAL SAMPLE
INPUT_POS
INPUT_NEG
PEAK SIGNAL
LEVEL (VFS)
BLACK SIGNAL LEVEL (VBLK)
MINIMUM SIGNAL LEVEL (VMIN)
GND
Figure 44. SHA Mode—Differential Input Signal
Table 18. SHA Mode—Differential Voltage Levels
Signal Level
Symbol
Min (mV)
Typ (mV)
Max (mV)
Black
VBLK
0
Saturation
VFS
1000
VDD − 300
1400
Minimum
VMIN
0
1800
SHA Mode—DC-Coupled, Single–Ended Input
The SHA mode can also be used in a single-ended fashion, with
the signal from the image sensor applied to the CDS/SHA using
a single input, CCDINP. This is similar to the differential configu-
ration, except in this case, the CCDINM line is held at a constant
dc voltage, establishing a reference level that matches the image
sensor reference voltage (see Figure 45).
IMAGE
SENSOR
SHA/
CDS
CCDINM
CCDINP
AD9974
NOTES
1. DC VOLTAGE ABOVE GROUND MAYBE USED TO
MATCH THE SENSOR REFERENCE LEVEL.
Figure 45. SHA Mode—Single–Ended Input Configuration, DC-Coupled
Referring to Figure 46 and Table 19, the CCDINM signal is a
constant dc voltage set at a level above ground potential. The
sensor signal is applied to the other input, and samples are taken
at the signal minimum and at a point of signal maximum. The
resulting differential signal is the difference between the signal
and the reference voltage.
(N + 1) SIGNAL SAMPLE
(N) SIGNAL SAMPLE
INPUT_POS
INPUT_NEG
PEAK SIGNAL
LEVEL (VFS)
BLACK SIGNAL LEVEL (VBLK)
MINIMUM SIGNAL LEVEL (VMIN)
GND
Figure 46. SHA Mode—Single–Ended Input Signal (DC-Coupled)
Table 19. SHA Mode—Single-Ended Input Voltages
Signal Level
Symbol
Min (mV)
Typ (mV)
Max (mV)
Black
VBLK
0
Saturation
VFS
1000
1400
Minimum
VMIN
0
CDS Timing Control
The timing shown in Figure 21 illustrates how the two internally
generated CDS clocks, SHP and SHD, are used to sample the
reference level and data level of the CCD signal, respectively. The
placement of the SHP and SHD sampling edges is determined by
the setting of the SHPLOC and SHDLOC register located at
Address 0x36. Placement of these two clock signals is critical in
achieving the best performance from the CCD.
SHA Timing Control
When SHA mode is selected, only the SHPLOC setting is used
to sample the input signal, but the SHDLOC signal should still
be programmed to an edge setting of SHPLOC + 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com