Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9974BBCZ
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9974BBCZ Datasheet HTML 30Page - Analog Devices AD9974BBCZ Datasheet HTML 31Page - Analog Devices AD9974BBCZ Datasheet HTML 32Page - Analog Devices AD9974BBCZ Datasheet HTML 33Page - Analog Devices AD9974BBCZ Datasheet HTML 34Page - Analog Devices AD9974BBCZ Datasheet HTML 35Page - Analog Devices AD9974BBCZ Datasheet HTML 36Page - Analog Devices AD9974BBCZ Datasheet HTML 37Page - Analog Devices AD9974BBCZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
AD9974
Rev. A | Page 34 of 52
Example Register Settings for Power-Up
The following settings can be used for basic operation. A single CLPOB pulse is used with only H-pattern and one field. Additional
HPATS and FIELDS can be added, as needed, along with different CLPOB toggle positions.
010
0000001
//software reset
028
0000001
//total number of H-Pattern groups = 1
800
0064000
//HPAT0 HBLKTOGO1, TOGO2 settings
801
3ffffff
//unused HBLK odd toggles set to zero or max value
802
3ffffff
//unused HBLK odd toggles set to zero or max value
803
0064000
//HPAT0 HBLKTOGE1, TOGE2 settings
804
3ffffff
//unused HBLK Even toggles set to zero or max value
805
3ffffff
//unused HBLK Even toggles set to zero or max value
806
0000000
//HBLK StartA, B are not used
807
0000000
//HBLK StartC is not used
808
0000000
//HBLK alternation patterns are not used
809
0000000
//HBLKLEN, HBLKREP not used, HBLK masking pol = 0
80a
0000000
//HBLKSTART, end not used
80b
0000000
//test, set to zero
80c
00dc05a
//CLPOB pat 0 toggles
80d
3ffffff
//CLPOB pat 1 toggles not used, set to max
80e
3ffffff
//PBLK pat 0 toggles not used, set to max
80f
3ffffff
//PBLK pat 1 toggles not used, set to max
810
1000000
//FIELD0 SCP0, SCP1
811
1000800
//SCP2, SCP3 set same as SCP1
812
1000800
//SCP4, SCP5 set same as SCP1
813
1000800
//SCP6, SCP7 set same as SCP1
814
0000800
//SCP8 set same as SCP1
815
0000000
//select HPAT0 for all regions
816
0000000
//select HPAT0 for all regions
817
0000000
//test, set to zero
818
0000001
//CLPOB start polarity = HIGH
819
1000800
//CLPOB masking set to highest SCP value (no mask)
81a
1000800
//CLPOB masking set to highest SCP value (no mask)
81b
1000800
//CLPOB masking set to highest SCP value (no mask)
81c
0000001
//PBLK start polarity = HIGH
81d
1000800
//PBLK masking set to highest SCP value (no mask)
81e
0000000
//PBLK masking set to highest SCP value (no mask)
81f
0000000
//PBLK masking set to highest SCP value (no mask)
02a
0000001
//total number of fields = 1
02b
0000000
//field select = FIELD0
02c
0000000
//field select = FIELD0
000
0000008
//AFE settings
014
0000001
//reset TGCORE
011
0000001
//enable outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com