Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9974BBCZ
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9974BBCZ Datasheet HTML 32Page - Analog Devices AD9974BBCZ Datasheet HTML 33Page - Analog Devices AD9974BBCZ Datasheet HTML 34Page - Analog Devices AD9974BBCZ Datasheet HTML 35Page - Analog Devices AD9974BBCZ Datasheet HTML 36Page - Analog Devices AD9974BBCZ Datasheet HTML 37Page - Analog Devices AD9974BBCZ Datasheet HTML 38Page - Analog Devices AD9974BBCZ Datasheet HTML 39Page - Analog Devices AD9974BBCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
AD9974
Rev. A | Page 36 of 52
STANDBY MODE OPERATION
The AD9974 contains two standby modes to optimize the
overall power dissipation in a particular application. Bit 1 and
Bit 0 of Address 0x00 control the power-down state of the device.
STANDBY[1:0] = 00 = normal operation (full power)
STANDBY[1:0] = 01 = reference standby mode
STANDBY[1:0] = 10 or 11 = total shutdown mode
(lowest power)
Table 20 summarizes the operation of each power-down mode.
The OUT_CONTROL register takes priority over the reference
standby mode in determining the digital output states, but total
shutdown mode takes priority over OUT_CONTROL. Total
shutdown mode has the lowest power consumption.
When returning from total shutdown mode to normal operation,
the timing core must be reset at least 100 μs after the STANDBY
register is written to.
There is an additional register to disable the internal voltage
reference buffer (Address 0x00[2]) independently. By default
the buffer is disabled, but it must be enabled for normal operation.
CLI FREQUENCY CHANGE
If the input clock, CLI, is interrupted or changes to a different
frequency, the timing core must be reset for proper operation.
After the CLI clock has settled to the new frequency, or the
previous frequency has resumed, write 0 and then 1 to the
TGCORE_RST register (Address 0x14). This guarantees proper
timing core operation.
Table 20. Standby Mode Operation
I/O Block
Total Shutdown (Default)1, 2
OUT_CONTROL = Low2
Reference Standby
AFE
Off
No change
Only REFT, REFB on
Timing Core
Off
No change
On
H1
High-Z
Low
Low (4.3 mA)
H2
High-Z
High
High (4.3 mA)
H3
High-Z
Low
Low (4.3 mA)
H4
High-Z
High
High (4.3 mA)
HL
High-Z
Low
Low (4.3 mA)
RG
High-Z
Low
Low (4.3 mA)
DOUT
Low3
Low
Low
1 To exit total shutdown, write 00 to STANDBY (Address 0x00, Bits[1:0]), then reset the timing core after 100 μs to guarantee proper settling.
2 Total shutdown mode takes priority over OUT_CONTROL for determining the output polarities.
3 The status of the DOUT pins is unknown at power-up. Low status is guaranteed in total shutdown mode after the power-up sequence is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com