Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9974BBCZ
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9974BBCZ Datasheet HTML 4Page - Analog Devices AD9974BBCZ Datasheet HTML 5Page - Analog Devices AD9974BBCZ Datasheet HTML 6Page - Analog Devices AD9974BBCZ Datasheet HTML 7Page - Analog Devices AD9974BBCZ Datasheet HTML 8Page - Analog Devices AD9974BBCZ Datasheet HTML 9Page - Analog Devices AD9974BBCZ Datasheet HTML 10Page - Analog Devices AD9974BBCZ Datasheet HTML 11Page - Analog Devices AD9974BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
AD9974
Rev. A | Page 8 of 52
ABSOLUTE MAXIMUM RATINGS
Ratings apply to both Channel A and Channel B, unless
otherwise noted.
Table 6.
Parameter
Rating
AVDD to AVSS
−0.3 V to +2.2 V
DVDD to DVSS
−0.3 V to +2.2 V
DRVDD to DRVSS
−0.3 V to +3.9 V
IOVDD to DVSS
−0.3 V to +3.9 V
HVDD to HVSS
−0.3 V to +3.9 V
RGVDD to RGVSS
−0.3 V to +3.9 V
Any VSS
−0.3 V to +0.3 V
RG Output to RGVSS
−0.3 V to RGVDD + 0.3 V
H1 to H4, HL Output to HVSS
−0.3 V to HVDD + 0.3 V
SCK, SL, SDI to DVSS
−0.3 V to IOVDD + 0.3 V
REFT, REFB, CCDINM, CCDINP to AVSS
−0.2 V to AVDD + 0.2 V
Junction Temperature
150°C
Lead Temperature (10 sec)
350°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
θJA is measured using a 4-layer PCB with the exposed paddle
soldered to the board.
Table 7. Thermal Resistance
Package Type
θJA
Unit
100-Lead, 9 mm × 9 mm, CSP_BGA
38.3
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com