Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9974BBCZ
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9974BBCZ Datasheet HTML 26Page - Analog Devices AD9974BBCZ Datasheet HTML 27Page - Analog Devices AD9974BBCZ Datasheet HTML 28Page - Analog Devices AD9974BBCZ Datasheet HTML 29Page - Analog Devices AD9974BBCZ Datasheet HTML 30Page - Analog Devices AD9974BBCZ Datasheet HTML 31Page - Analog Devices AD9974BBCZ Datasheet HTML 32Page - Analog Devices AD9974BBCZ Datasheet HTML 33Page - Analog Devices AD9974BBCZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
AD9974
Rev. A | Page 30 of 52
Input Configurations
The CDS circuit samples each CCD pixel twice to extract the video
information and reject low frequency noise (see Figure 39). There
are three possible configurations for the CDS: inverting CDS mode,
noninverting CDS mode, and SHA mode. The CDSMODE
register (Address 0x00[9:8]) selects which configuration is used.
SHA1
SHA2
SHD
SHP
DIFF
AMP
CDS_OUT
CCDINP
CCDINM
Figure 39. CDS Block Diagram (Conceptual)
Inverting CDS Mode
For this configuration, the signal from the CCD is applied to the
positive input of the (CCDINP) CDS system with the minus
side (CCDINM) grounded (see Figure 40). The CDSMODE
register setting for this configuration is 0x00. Traditional CCD
applications use this configuration with the reset level established
below the AVDD supply level by the AD9974 dc restore circuit,
at approximately 1.5 V. The maximum saturation level is 1.0 V
below the reset level, as shown in Figure 41 and Table 16. A maxi-
mum saturation voltage of 1.4 V is also possible when using the
minimum CDS gain setting.
IMAGE
SENSOR
SHA/
CDS
CCDINM
CCDINP
AD9974
NOTES
1. COUPLING CAPACITOR IS NOT REQUIRED FOR CERTAIN
BLACK LEVEL REFERENCE VOLTAGES.
Figure 40. Single Input CDS Configuration
(N) SIGNAL SAMPLE
(N) RESET SAMPLE
(N + 1) RESET SAMPLE
VDD
RESET LEVEL
(VRST)
SIGNAL LEVEL
(VFS)
Figure 41. Traditional Inverting CDS Signal
Table 16. Inverting Voltage Levels
Signal Level
Symbol
Min (mV)
Typ (mV)
Max (mV)
Saturation
VFS
1000
1400
Reset
VRST
VDD − 500
VDD − 300
VDD
Supply Voltage
VDD
1600
1800
2000
Noninverting Input
If the noninverting input is desired, the reset (or black) level
signal is established at a voltage above ground potential.
Saturation (or white) level is approximately 1 V. Samples are
taken at each signal level. See Figure 42 and Table 17.
(N) SIGNAL SAMPLE
(N) RESET SAMPLE
(N + 1) RESET SAMPLE
GND
RESET LEVEL
(VRST)
SIGNAL LEVEL
(VFS)
Figure 42. Noninverting CDS Signal
Table 17. Noninverting Voltage Levels
Signal Level
Symbol
Min (mV)
Typ (mV)
Max (mV)
Saturation
VFS
1000
1400
Reset
VRST
0
250
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com