Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9974BBCZ
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9974BBCZ Datasheet HTML 13Page - Analog Devices AD9974BBCZ Datasheet HTML 14Page - Analog Devices AD9974BBCZ Datasheet HTML 15Page - Analog Devices AD9974BBCZ Datasheet HTML 16Page - Analog Devices AD9974BBCZ Datasheet HTML 17Page - Analog Devices AD9974BBCZ Datasheet HTML 18Page - Analog Devices AD9974BBCZ Datasheet HTML 19Page - Analog Devices AD9974BBCZ Datasheet HTML 20Page - Analog Devices AD9974BBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
AD9974
Rev. A | Page 17 of 52
Table 9. HCLK Modes, Selected by HCLKMODE Register (Address 0x23[7:5])
HCLK Mode
Register Value
Description
Mode 1
001
H1 edges are programmable, with H3 = H1 and H2 = H4 = inverse of H1.
Mode 2
010
H1 edges are programmable, with H3 = H1.
H2 edges are programmable, with H4 = H2.
Mode 3
100
H1 edges are programmable, with H2 = inverse of H1.
H3 edges are programmable, with H4 = inverse of H3.
Invalid Selection
000, 011, 101, 110, 111
Invalid register settings.
Table 10. H1, H2, RGCONTROL, DRVCONTROL, and SAMPCONTROL Register Parameters
Parameter
Length (Bits)
Range
Description
Polarity
1
High/low
Polarity control for H1/H3 and RG.
0 = no inversion.
1 = inversion.
Positive Edge
6
0 to 63 edge location
Positive edge location for H1/H3 and RG.
Negative Edge
6
0 to 63 edge location
Negative edge location for H1/H3 and RG.
Sample Location
6
0 to 63 sample location
Sampling location for SHP and SHD.
Drive Control
3
0 to 7 current steps
Drive current for H1 to H4 and RG outputs, 0 to 7 steps of 4.3 mA each.
NOTES
1. EXAMPLE SHOWN FOR SHDLOC = 0.
2. HIGHER VALUES OF SHD AND/OR DOUTPHASE WILL SHIFT DOUT TRANSITION TO THE RIGHT, WITH RESPECT TO CLI LOCATION.
DOUTPHASE
CLK
DOUT
CCDIN
CLI
SHD
(INTERNAL)
ADC OUT
(INTERNAL)
NN+2
N+1
N+3
N+13
N+12
N+11
N+10
N+9
N+8
N+7
N+6
N+5
N+4
N+14
SAMPLE PIXEL N
N+16
N+17
N+15
N–14
N–4
N–5
N–6
N–7
N–8
N–9
N–10
N–11
N–12
N–13
N–3
N–2
N–1
N
N+1
N–15
N–16
N–17
tCLIDLY
PIPELINE LATENCY = 16 CYCLES
N–14
N–4
N–5
N–6
N–7
N–8
N–9
N–10
N–11
N–12
N–13
N–3
N–2
N–1
N
N+1
N–15
N–16
N–17
tDOUTINH
Figure 22. Pipeline Delay of AFE Data Outputs
H-Driver and RG Outputs
Digital Data Outputs
In addition to the programmable timing positions, the AD9974
features on-chip output drivers for the RG and H1 to H4 outputs.
These drivers are powerful enough to drive the CCD inputs
directly. The H-driver and RG-driver current can be adjusted
for optimum rise/fall time into a particular load by using the
drive strength control registers (Address 0x35). Use the register
to adjust the drive strength in 4.3 mA increments. The minimum
setting of 0 is equal to off or three-state, and the maximum setting
of 7 is equal to 30.1 mA.
For maximum system flexibility, the AD9974 uses the
DOUTPHASE registers (Address 0x37[11:0]) to select the
location for the start of each new pixel data value. Any edge
location from 0 to 63 can be programmed. These registers
determine the start location of the data output and the DCLK
rising edge with respect to the master clock input, CLI_X.
The pipeline delay through the AD9974 is shown in Figure 22.
After the CCD input is sampled by SHD, there is a 16-cycle
delay until the data is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com