Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9974BBCZ
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZ Datasheet(HTML) 4 Page - Analog Devices

  AD9974BBCZ Datasheet HTML 1Page - Analog Devices AD9974BBCZ Datasheet HTML 2Page - Analog Devices AD9974BBCZ Datasheet HTML 3Page - Analog Devices AD9974BBCZ Datasheet HTML 4Page - Analog Devices AD9974BBCZ Datasheet HTML 5Page - Analog Devices AD9974BBCZ Datasheet HTML 6Page - Analog Devices AD9974BBCZ Datasheet HTML 7Page - Analog Devices AD9974BBCZ Datasheet HTML 8Page - Analog Devices AD9974BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
AD9974
Rev. A | Page 4 of 52
TIMING SPECIFICATIONS
X = A = B, CL = 20 pF, AVDD_X = DVDD_X = 1.8 V, fCLI = 65 MHz, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Comments
MASTER CLOCK (CLI)
See Figure 17
CLI Clock Period (tCONV)
15.38
ns
CLI High/Low Pulse Width (tADC)
6.9
7.7
8.9
ns
Delay from CLI Rising Edge to Internal Pixel Position 0 (tCLIDLY)
5
ns
AFE
SHP Rising Edge to SHD Rising Edge (tS1)
6.9
7.7
8.5
ns
See Figure 21
AFE Pipeline Delay
16
Cycles
See Figure 22
CLPOB Pulse Width (Programmable) (tCOB)1
2
20
Pixels
HD Pulse Width
tCONV
ns
VD Pulse Width
1 HD period
ns
SERIAL INTERFACE
See Figure 52
Maximum SCK Frequency (fSCLK)
40
MHz
SL to SCK Setup Time (tLS)
10
ns
SCK to SL Hold Time (tLH)
10
ns
SDATA Valid to SCK Rising Edge Setup (tDS)
10
ns
SCK Rising Edge to SDATA Valid Hold (tDH)
10
ns
H-COUNTER RESET SPECIFICATIONS
See Figure 49
HD Pulse Width
tCONV
ns
VD Pulse Width
1 HD period
ns
VD Falling Edge to HD Falling Edge(tVDHD)
0
VD period − tCONV
ns
HD Falling Edge to CLI Rising Edge(tHDCLI)
3
tCONV − 2
ns
CLI Rising Edge to SHPLOC (Internal Sample Edge) (tCLISHP)
3
tCONV − 2
ns
TIMING CORE SETTING RESTRICTIONS
Inhibited Region for SHP Edge Location (tSHPINH) (See Figure 21)2
50
64/0
Edge location
Inhibited Region for SHP or SHD with Respect to H-Clocks
(See Figure 21)3, 4, 5, 6
RETIME = 0, MASK = 0 (tSHDINH)
H × NEGLOC − 15
H × NEGLOC − 0
Edge location
RETIME = 0, MASK = 1 (tSHDINH)
H × POSLOC − 15
H × POSLOC − 0
Edge location
RETIME = 1, MASK = 0 (tSHPINH)
H × NEGLOC − 15
H × NEGLOC − 0
Edge location
RETIME = 1, MASK = 1 (tSHPINH)
H × POSLOC − 15
H × POSLOC − 0
Edge location
Inhibited Region for DOUTPHASE Edge Location (tDOUTINH)
(See Figure 21)
SHDLOC + 0
SHDLOC + 15
Edge location
1 Minimum CLPOB pulse width is for functional operation only. Wider typical pulses are recommended to achieve good clamp performance.
2 Only applies to slave mode operation. The inhibited area for SHP is needed to meet the timing requirements for tCLISHP for proper H-counter reset operation.
3 When 0x34[2:0] HxBLKRETIME bits are enabled, the inhibit region for SHD location changes to inhibit region for SHP location.
4 When sequence register 0x09[23:21] HBLK masking registers are set to 0, the H-edge reference becomes H × NEGLOC.
5 The H-clock signals that have SHP/SHD inhibit regions depend on the HCLK mode: Mode 1 = H1, Mode 2 = H1, H2, and Mode 3 = H1, H3.
6 These specifications apply when H1POL, H2POL, RGPOL, and HLPOL are all set to 1 (default setting).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com