Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9974BBCZ
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9974BBCZ Datasheet HTML 24Page - Analog Devices AD9974BBCZ Datasheet HTML 25Page - Analog Devices AD9974BBCZ Datasheet HTML 26Page - Analog Devices AD9974BBCZ Datasheet HTML 27Page - Analog Devices AD9974BBCZ Datasheet HTML 28Page - Analog Devices AD9974BBCZ Datasheet HTML 29Page - Analog Devices AD9974BBCZ Datasheet HTML 30Page - Analog Devices AD9974BBCZ Datasheet HTML 31Page - Analog Devices AD9974BBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
AD9974
Rev. A | Page 28 of 52
HORIZONTAL TIMING SEQUENCE EXAMPLE
Figure 36 shows an example of a CCD layout. The horizontal
register contains 28 dummy pixels that occur on each line
clocked from the CCD. In the vertical direction, there are
10 optical black (OB) lines at the front of the readout and two
at the back of the readout. The horizontal direction has four
OB pixels in the front and 48 in the back.
Figure 37 shows the basic sequence layout to use during the
effective pixel readout. The 48 OB pixels at the end of each line
are used for the CLPOB signals. PBLK is optional and is often
used to blank the digital outputs during the HBLK time. HBLK
is used during the vertical shift interval.
Because PBLK is used to isolate the CDS input (see the Analog
Front End Description and Operation section), do not use the
PBLK signal during CLPOB operation. The change in the offset
behavior that occurs during PBLK impacts the accuracy of the
CLPOB circuitry.
The HBLK, CLPOB, and PBLK parameters are programmed
in the V-sequence registers. More elaborate clamping schemes,
such as adding a separate sequence to clamp all the shielded
OB lines, can be used. This requires configuring a separate
V-sequence for clocking out the OB lines.
The CLPOBMASK registers are also useful for disabling the
CLPOB on a few lines without affecting the setup of the
clamping sequences. It is important to use CLPOB only during
valid OB pixels. During other portions on the frame timing,
such as vertical blanking or SG line timing, the CCD does not
output valid OB pixels. Any CLPOB pulse that occurs during
this time causes errors in clamping operation and, therefore,
changes in the black level of the image.
HORIZONTAL CCD REGISTER
EFFECTIVE IMAGE AREA
28 DUMMY PIXELS
48 OB PIXELS
4 OB PIXELS
10 VERTICAL
OB LINES
2 VERTICAL
OB LINES
V
H
Figure 36. Example CCD Configuration
VERTICAL SHIFT
VERT. SHIFT
CCD OUTPUT
SHP
SHD
H1/H3
H2/H4
HBLK
PBLK
CLPOB
OPTICAL BLACK
DUMMY
EFFECTIVE PIXELS
OB
OPTICAL BLACK
HD
NOTES
1. PBLK ACTIVE (LOW) SHOULD NOT BE USED DURING CLPOB ACTIVE (LOW).
Figure 37. Horizontal Sequence Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com