Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9974BBCZ
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9974BBCZ Datasheet HTML 34Page - Analog Devices AD9974BBCZ Datasheet HTML 35Page - Analog Devices AD9974BBCZ Datasheet HTML 36Page - Analog Devices AD9974BBCZ Datasheet HTML 37Page - Analog Devices AD9974BBCZ Datasheet HTML 38Page - Analog Devices AD9974BBCZ Datasheet HTML 39Page - Analog Devices AD9974BBCZ Datasheet HTML 40Page - Analog Devices AD9974BBCZ Datasheet HTML 41Page - Analog Devices AD9974BBCZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
AD9974
Rev. A | Page 38 of 52
A4
CLI_A
D1
REFB_A
C1
REFT_A
B2
SL_A
C2
SDATA_A
D2
SCK_A
E1
HD_A
E2
VD_A
E4
HVDD_A
E3
HVSS_A
F4
H1A
F3
H2A
D4
H3A
D3
H4A
F1
DVDD_A
F2
DVSS_A
G1
D0_A (LSB)
H1
D1_A
J1
D2_A
K1
D3_A
G2
D4_A
H2
D5_A
K2
D6_A
G3
D7_A
H3
D8_A
B7
AVSS_B
A9
CLI_B
D7
REFB_B
C7
REFT_B
B8
SL_B
C8
SDATA_B
D8
SCK_B
E7
HD_B
E8
VD_B
E10
HVDD_B
E9
HVSS_B
F10
H1B
F9
H2B
D10
H3B
D9
H4B
F7
DVDD_B
F8
DVSS_B
G7
D0_B (LSB)
H7
D1_B
J7
D2_B
K7
D3_B
G8
D4_B
H8
D5_B
K8
D6_B
G9
D7_B
AD9974
1.8V ANALOG
SUPPLY
COMMON MASTER
CLOCK INPUT
VD COMMON INPUT
HD COMMON INPUT
3V
DRIVER
3V
DRIVER
4
1.8V ANALOG
SUPPLY
H1B–H4B
OUTPUTS
COMMON MASTER
CLOCK INPUT
VD COMMON INPUT
HD COMMON INPUT
4
CHN A DATA
OUTPUTS
14
CHN B DATA
OUTPUTS
14
3
RG_B DRIVER
SUPPLY
RG_B OUTPUT
1.8V LDO OUTPUT B
1.8V ANALOG SUPPLY
RG_A OUTPUT
1.8V LDO OUTPUT A
+
1.8V ANALOG
SUPPLY
3V IOVDD SUPPLY
NOT DRAWN TO SCALE
H1A–H4A
DRIVER
SUPPLY
SERIAL
INTERFACE
FOR CHN A
SERIAL
INTERFACE
FOR CHN B
H1B–H4B
DRIVER
SUPPLY
H1A–H4A
OUTPUTS
4.7µF
3V IOVDD SUPPLY
0.1µF
RG_A DRIVER SUPPLY
+
4.7µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
4.7µF
0.1µF
CCD SIGNAL_A PLUS
CCD SIGNAL_B PLUS
0.1µF
0.1µF
Figure 51. Recommended Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com