Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9974BBCZ
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9974BBCZ Datasheet HTML 3Page - Analog Devices AD9974BBCZ Datasheet HTML 4Page - Analog Devices AD9974BBCZ Datasheet HTML 5Page - Analog Devices AD9974BBCZ Datasheet HTML 6Page - Analog Devices AD9974BBCZ Datasheet HTML 7Page - Analog Devices AD9974BBCZ Datasheet HTML 8Page - Analog Devices AD9974BBCZ Datasheet HTML 9Page - Analog Devices AD9974BBCZ Datasheet HTML 10Page - Analog Devices AD9974BBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
AD9974
Rev. A | Page 7 of 52
200mV MAX
OPTICAL BLACK PIXEL
MINIMUM INPUT LIMIT
(AVSS – 0.3V)
MAXIMUM INPUT LIMIT =
LESSER OF 2.2V
OR (AVDD + 0.3V)
+1.8V TYP (AVDD)
0V (AVSS)
+1.3V TYP (AVDD – 0.5V)
DC RESTORE VOLTAGE
500mV TYP
RESET TRANSIENT
800mV
MAXIMUM
1V MAXIMUM INPUT
SIGNAL RANGE
(0dB CDS GAIN)
Figure 2. Input Signal Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com