Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9974BBCZ
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9974BBCZ Datasheet HTML 7Page - Analog Devices AD9974BBCZ Datasheet HTML 8Page - Analog Devices AD9974BBCZ Datasheet HTML 9Page - Analog Devices AD9974BBCZ Datasheet HTML 10Page - Analog Devices AD9974BBCZ Datasheet HTML 11Page - Analog Devices AD9974BBCZ Datasheet HTML 12Page - Analog Devices AD9974BBCZ Datasheet HTML 13Page - Analog Devices AD9974BBCZ Datasheet HTML 14Page - Analog Devices AD9974BBCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
AD9974
Rev. A | Page 11 of 52
TYPICAL PERFORMANCE CHARACTERISTICS
250
0
50
100
150
200
20
25
30
35
40
45
50
55
60
65
SAMPLE RATE (MHz)
1.8V SUPPLIES
3.3V SUPPLIES
TOTAL POWER
Figure 4. Power vs. Sample Rate
180
160
140
120
100
80
60
40
20
0
0
5
10
15
20
25
30
35
40
45
VGA GAIN (dB)
Figure 5. RMS Output Noise vs. VGA Gain
ADC OUTPUT CODE
0
0
1.0
–1.0
0.8
0.6
0.4
0.2
–0.2
–0.4
–0.6
–0.8
2k
4k
6k
8k
10k
12k
14k
16k
Figure 6. Differential Nonlinearity
ADC OUTPUT CODE
0
10
–8
2k
4k
6k
8k
10k
12k
14k
16k
8
6
4
2
0
–2
–4
–6
Figure 7. Integral Nonlinearity
ADC OUTPUT CODE
1.0
–1.0
1k
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
3k
5k
7k
9k
11k
13k
15k
Figure 8. Linearity Mismatch vs. ADC Output Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com