Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9974BBCZ
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9974BBCZ Datasheet HTML 15Page - Analog Devices AD9974BBCZ Datasheet HTML 16Page - Analog Devices AD9974BBCZ Datasheet HTML 17Page - Analog Devices AD9974BBCZ Datasheet HTML 18Page - Analog Devices AD9974BBCZ Datasheet HTML 19Page - Analog Devices AD9974BBCZ Datasheet HTML 20Page - Analog Devices AD9974BBCZ Datasheet HTML 21Page - Analog Devices AD9974BBCZ Datasheet HTML 22Page - Analog Devices AD9974BBCZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
AD9974
Rev. A | Page 19 of 52
Table 11. CLPOB and PBLK Pattern Registers
Parameter
Length (Bits)
Range
Description
CLPOB0_TOG1
13
0 to 8191 pixel location
First CLPOB0 toggle position within the line for each V-sequence.
CLPOB0_TOG2
13
0 to 8191 pixel location
Second CLPOB0 toggle position within the line for each V-sequence.
CLPOB1_TOG1
13
0 to 8191 pixel location
First CLPOB1 toggle position within the line for each V-sequence.
CLPOB1_TOG2
13
0 to 8191 pixel location
Second CLPOB1 toggle position within the line for each V-sequence.
CLPOB_POL
9
High/low
Starting polarity of CLPOB for each V-sequence [8:0] (in field registers).
CLPOB_PAT
9
0 to 9 settings
CLPOB pattern selection for each V-sequence [8:0] (in field registers).
CLPOBMASKSTART
13
0 to 8191 pixel location
CLPOB mask start position: three values available (in field registers).
CLPOBMASKEND
13
0 to 8191 pixel location
CLPOB mask end position: three values available (in field registers).
PBLK0_TOG1
13
0 to 8191 pixel location
First PBLK0 toggle position within the line for each V-sequence.
PBLK0_TOG2
13
0 to 8191 pixel location
Second PBLK0 toggle position within the line for each V-sequence.
PBLK1_TOG1
13
0 to 8191 pixel location
First PBLK1 toggle position within the line for each V-sequence.
PBLK1_TOG2
13
0 to 8191 pixel location
Second toggle position within the line for each V-sequence.
PBLK_POL
9
High/low
Starting polarity of PBLK for each V-sequence [8:0] (in field registers).
PBLK_PAT
9
0 to 9 settings
PBLK pattern selection for each V-sequence [8:0] (in field registers).
PBLKMASKSTART
13
0 to 8191 pixel location
PBLK mask start position: three values available (in field registers).
PBLKMASKEND
13
0 to 8191 pixel location
PBLK mask end position: three values available (in field registers).
HD
HBLK
BASIC HBLK PULSE IS GENERATED USING HBLKTOGE1 AND HBLKTOGE2 REGISTERS (HBLKALT = 0).
BLANK
BLANK
HBLKTOGE1
HBLKTOGE2
Figure 25. Typical Horizontal Blanking Pulse Placement (HBLKMODE = 0)
HD
HBLK
H1/H3
H1/H3
H2/H4
THE POLARITY OF H1/H3 DURING BLANKING IS PROGRAMMABLE
(H2/H4 POLARITY IS SEPARATELY PROGRAMMABLE)
Figure 26. HBLK Masking Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com