Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9974BBCZ
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9974BBCZ Datasheet HTML 40Page - Analog Devices AD9974BBCZ Datasheet HTML 41Page - Analog Devices AD9974BBCZ Datasheet HTML 42Page - Analog Devices AD9974BBCZ Datasheet HTML 43Page - Analog Devices AD9974BBCZ Datasheet HTML 44Page - Analog Devices AD9974BBCZ Datasheet HTML 45Page - Analog Devices AD9974BBCZ Datasheet HTML 46Page - Analog Devices AD9974BBCZ Datasheet HTML 47Page - Analog Devices AD9974BBCZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
AD9974
Rev. A | Page 44 of 52
Table 25. I/O Control Registers
Address
Data Bit
Content
Default
Value
Update
Name
Description
0x23
[0]
0
SCK
TESTMODE
Test Operation Only. Set to 0.
[1]
0
TESTMODE
Test Operation Only. Set to 0.
[2]
0
IO_NVR
IOVDD Voltage Range for VD, HD, SCK, SDATA, and SL.
0 = 1.8 V.
1 = 3.3 V.
The I/Os are 3 V tolerant, so there is no problem having higher
than 1.8 V inputs at start-up, but this register should be set to 1
at initialization if using higher than 1.8 V supplies.
[3]
0
DATA_NVR
DRVDD Voltage Range.
[4]
0
TESTMODE
Test Operation Only. Set to 0.
[7:5]
1
HCLKMODE
Selects HCLK output configuration (see Table 9).
[27:8]
Unused
Set unused bits to 0.
0x24
[27:0]
0
TESTMODE
Test Operation Only. Set to 0 if this register is accessed.
0x25
[27:0]
0
TESTMODE
Test Operation Only. Set to 0 if this register is accessed.
0x26
[27:0]
0
TESTMODE
Test Operation Only. Set to 0 if this register is accessed.
0x27
[27:0]
0
TESTMODE
Test Operation Only. Set to 0 if this register is accessed.
Table 26. Mode Registers
Address
Data Bit
Content
Default
Value
Update
Name
Description
0x28
[4:0]
0
VD
HPATNUM
Total Number of H-Pattern Groups.
[27:5]
Unused
Set unused bits to 0.
0x29
[27:0]
Unused
Set unused register to 0 if accessed.
0x2A
[2:0]
0
VD
FIELDNUM
Total Number of Fields. Set to 1 for single-field operation.
[27:3]
Unused
Set unused bits to 0.
0x2B
[4:0]
0
VD
FIELD_SEL1
Selected First Field.
[9:5]
0
VD
FIELD_SEL2
Selected Second Field.
[14:10]
0
FIELD_SEL3
Selected Third Field.
[19:15]
0
FIELD_SEL4
Selected Fourth Field.
[24:20]
0
FIELD_SEL5
Selected Fifth Field.
[27:25]
Unused
Set unused bits to 0.
0x2C
[4:0]
0
VD
FIELD_SEL6
Selected Sixth Field.
[9:5]
0
FIELD_SEL7
Selected Seventh Field.
[27:10]
Unused
Set unused bits to 0.
0x2D
[27:0]
SCK
Unused
Set unused register to 0 if this register is accessed.
0x2E
[27:0]
SCK
Unused
Set unused register to 0 if this register is accessed.
0x2F
[27:0]
SCK
Unused
Set unused register to 0 if this register is accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com