Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 12Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 13Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 14Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 15Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 16Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 17Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 18Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 19Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
bq76PL536A
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
The GPAI measurement can be configured to use one of two references via FUNCTION_CONFIG[GPAI_REF].
Either the internal bandgap (VREF) or REG50 can be selected. When REG50 is selected, the ADC returns a ratio
of the voltage at the inputs and REG50, removing the need for compensation of the REG50 voltage accuracy or
drift when used as a source to excite the sensor. When the device is configured to measure VBAT
(FUNCTION_CONFIG[GPAI_SRC]
=
1),
the
device
selects
VREF
automatically
and
ignores
the
FUNCTION_CONFIG[GPAI_REF] setting.
Converting GPAI Result to Voltage
To convert the returned GPAI measurement value to a voltage using the internal band-gap reference
(FUNCTION_CONFIG[GPAI_REF] = 1), the following formula is used.
mV = (REGMSB × 256 + REGLSB) × 2500 / 16,383
FUNCTION_CONFIG[] = 0100 xxxxb
Example:
The voltage connected to the GPAI inputs == 1.25 V;
After conversion, REG_01 == 0x20; REG_02 == 0x00
0x20 × 0x100 + 0x00 = 0x2000 (8192.)
8192 × 2500 / 16,383 = 1250 mV
Converting VBAT Result to Voltage
To convert the returned VBAT measurement value to a voltage, the following formula is used.
V = (REGMSB × 256 + REGLSB) × 33.333 / 2
14 (33.333 ≈ 6.25 / 0.1875)
FUNCTION_CONFIG[] = 0101 xxxxb
Example:
The sum of the series cells connected to VC6–VC0 == 20.295 V;
After conversion, REG_01 == 0x26; REG_02 == 0xf7
0x26 × 0x100 + 0xf7 = 0x26f7 (9975.)
9975 × 33.333 / 16,383 = 20.295 V
Temperature Measurement
The bq76PL536A can measure the voltage TS1+, TS1– and TS2+, TS2– differential inputs using the ADC.
These inputs are typically driven by an external thermistor/resistor divider network. The TSn inputs use the
REG50 output divided down and internally connected as the ADC reference during conversions. This produces a
ratiometric result and eliminates the need for compensation or correction of the REG50 voltage drift when used
to drive the temperature sensors. The REG50 reference allows an approximate 2.5-V full-scale input at the TSn
inputs. The final reading is limited between 0 and 16,383, corresponding to an external ratio of 0 to 0.5.
Two control bits are required for the ADC to convert the TSn input voltages successfully. ADC_CONTROL[TSn]
is set to cause the ADC to convert the TSn channel on the next requested conversion cycle. IO_CONTROL[TSn]
is set to cause the FET switch connecting the TSn– input to VSS to close, completing the circuit of the voltage
divider. The IO_CONTROL[] bits should only be set as needed to conserve power; at high temperatures,
thermistor excitation current may be relatively high.
External Temperature Sensor Support (TS1+, TS1– and TS2+, TS2–)
The device is intended for use with a nominal 10 k
Ω at 25ºC NTC external thermistor (AT103 equivalent) such as
the Panasonic ERT-J1VG103FA, a 1% device. A suitable external resistor-capacitor network should be
connected to position the response of the thermistor within the range of interest. This is typically RT= 1.47 kΩ
and RB = 1.82 kΩ (1%) as shown in Figure 5. A parallel bypass capacitor in the range 1 nF to 47 nF placed
across the thermistor should be added to reduce noise coupled into the measurement system. The response
time delay created by this network should be considered when enabling the respective TS input prior to
conversion and setting the OT delay timer. See Figure 5 for details.
16
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com