Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 47 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 43Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 44Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 45Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 46Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 47Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 48Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 49Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 50Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
Enable Group3 Write:
Write: 0x35 to SHDW_CTRL (0x3a)
Host enables write to USER Block
Write: 0x91 to E_EN @0x3f
Apply 7 V to
LDOD1(2) pin
Host writes data to Registers in USER
Block 0x40–0x47
Write data to Registers
Write: 0xnn to 0x4x
ADDR++
ADDR > 0x4b?
No
Yes
Verify Data in 0x40–0x47
Copy EPROM back to Registers
Write 0x27 to SHDW_CTRL (0x3a)
Read Register block
0x40–0x4b
Contents match
programmed value?
Yes
No
Verify ECC bits
Read DEVICE_STATUS [ECC_COR]
Read ALERT_STATUS [PARITY]
Read ALERT_STATUS [PARITY]
All == 0?
Yes
No
SUCCESS
FAIL
Programming complete
Nominal time
~ 2 ms to 3 ms
Remove 7 V from
LDOD1(2) pins
bq76PL536A
www.ti.com
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
PROGRAMMING THE EPROM CONFIGURATION REGISTERS
The bq76PL536A has a block of OTP-EPROM that is used for configuring the operation of the bq76PL536A.
Programming of the EPROM should take place during pack/system manufacturing. A 7-V (VPP) pulse is required
on the PROG pin. The part uses an internal window comparator to check the voltage, and times the internal
pulse delivered to the EPROM array.
The user first writes the desired values to all of the equivalent Group3 protected register addresses. The desired
data is written to the appropriate address by first applying 7 V to the LDOD1(2) pins. Programming then
performed by writing to the EE_EN register (address 0x3f) with data 0x91. After a time period > 1500 µs, the 7 V
is removed. Nominally, the voltage pulse should be applied for approximately 2–3 ms. Applying the voltage for an
extended period of time may lead to device damage. The write is self-timed internally after receipt of the
command. The following flow chart illustrates the procedure for programming.
Figure 16. EPROM Programming
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com