Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 10Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 11Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 12Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 13Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 14Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 15Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 16Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 17Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
bq76PL536A
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
Vertical Communications Bus
Typical values stated where TA = 25ºC and VBAT = 20 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tHV_SCLK
Propagation delay, SCLK_H to
HOST = 0
40
ns
SCLK_N
tVB_SCLK
Propagation delay, SCLK_S to
HOST = 1
30
ns
SCLK_N
tHV_CS
Propagation delay, CS_H to CS_N
HOST = 0
40
ns
tVB_CS
Propagation delay, CS_S to CS_N
HOST = 1
30
ns
tHV_SDI
Propagation delay, SDI_H to SDI_N
HOST = 0
40
ns
tVB_SDI
Propagation delay, SDI_S to SDI_N
HOST = 1
30
ns
tHV_CONV
Propagation delay, CONV_H to
HOST = 0
100
ns
CONV_N
tVB_CONV
Propagation delay, CONV_S to
HOST = 1
30
ns
CONV_N
tHV_SDO
Propagation delay, SDO_N to
HOST = 0
10
ns
SDO_H
tVB_SDO
Propagation delay, SDO_N to
HOST = 1
40
ns
SDO_S
tHV_DRDY
Propagation delay, DRDY_N to
HOST = 0
60
ns
DRDY_H
tVB_DRDY
Propagation delay, DRDY_N to
HOST = 1
40
ns
DRDY_S
tHV_FAULT
Propagation delay, FAULT_N to
HOST = 0
55
ns
FAULT_H
tVB_FAULT
Propagation delay, FAULT_N to
HOST = 1
30
ns
FAULT_S
tHV_ALERT
Propagation delay, ALERT_N to
HOST = 0
65
ns
ALERT_H
tVB_ALERT
Propagation delay, ALERT_N to
HOST = 1
30
ns
ALERT_S
(1)
Typical values are quoted in place of MIN/MAX for design guidance only. Actual propagation delay depends heavily on wiring and
capacitance in the signal path. These parameters are not tested in production due to these dependencies on system design
considerations.
ANALOG-TO-DIGITAL CONVERSION (ADC)
General Features
The integrated 14-bit (unsigned) high-speed successive approximation register (SAR) analog-to-digital converter
uses an integrated band-gap reference voltage (VREF) for the cell and brick measurements. The ADC has a front-
end multiplexer for nine inputs – six cells, two temperature sensors, and one general-purpose analog input
(GPAI). The GPAI input can further be multiplexed to measure the brick voltage between the BATx pin and VC0
or the voltage between the GPAI+ and GPAI– pins.
The ADC and reference are factory trimmed to compensate for gain, offset, and temperature-induced errors for
all inputs. The measurement result is not allowed to roll over due to offset error at the top and bottom of the
range, i.e., a reading near zero does not underflow to 0x03ff due to offset error, and vice-versa.
The converter returns 14 valid unsigned magnitude bits in the following format:
<00xxxxxx xxxxxxxx>
Each word is returned in big-endian format in a register pair consisting of two adjacent 8-bit registers. The MSB
of the word is located in the lower-address register of the pair, i.e., data for cell 1 is returned in registers 0x03
and 0x04 as 00xxxxxx xxxxxxxxb.
14
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com