Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 46 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 42Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 43Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 44Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 45Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 46Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 47Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 48Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 49Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
bq76PL536A
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
CONFIG_CUVT REGISTER (0x45)
7
6
5
4
3
2
1
0
µs/ms
–
–
CUVD[4]
CUVD[3]
CUVD[2]
CUVD[1]
CUVD[0]
The CONFIG_CUVT register determines cell overvoltage detection delay time.
[7] (µs/ms):
Determines the units of the delay time, microseconds or milliseconds
0 = Microseconds
1 = Milliseconds
[4..0] CUVD:
0x01 = 100; each binary increment adds 100 until 0x1f = 3100.
Note:
When this register is programmed to 0x00, the delay becomes 0s AND the CUV state
is NOT latched in the CUV_FAULT[] register. In this operating mode, the overvoltage
state for a cell is virtually instantaneous in the CUV_FAULT[] register. This mode may
cause system firmware to miss a dangerous cell undervoltage condition.
CONFIG_OT REGISTER (0x46)
7
6
5
4
3
2
1
0
OT2[3]
OT2[2]
OT2[1]
OT2[0]
OT1[3]
OT1[2]
OT1[1]
OT1[0]
The CONFIG_OT register holds the configuration of the overtemperature thresholds for the two TS inputs.
For each respective nibble (OT1 or OT2), the value 0x0 disables this function. Other settings program a trip
threshold. See the Ratiometric Sensing section for details of setting this register. Values above 0x0b are illegal
and should not be used.
CONFIG_OTT REGISTER (0x47)
7
6
5
4
3
2
1
0
COTD[7]
COTD[6]
COTD[5]
COTD[4]
COTD[3]
COTD[2]
COTD[1]
COTD[0]
The CONFIG_OTT register determines cell overtemperature detection delay time.
0x01 = 10 ms; each binary increment adds 10 ms until 0xff = 2.55 seconds.
Note: When this register is programmed to 0x00, the delay becomes 0s AND the OT state is NOT
latched in the ALERT_STATUS[] register. In this operating mode, the overtemperature state
for a TSn input is virtually instantaneous in the register. This mode may cause system
firmware to miss a dangerous overtemperature condition.
USERx REGISTER (0x48–0x4b) (USER1–4)
7
6
5
4
3
2
1
0
USER[7]
USER[6]
USER[5]
USER[4]
USER[3]
USER[2]
USER[1]
USER[0]
The four USER registers can be used to store user data. The part does not use these registers for any internal
function. They are provided as convenient storage for user S/N, date of manufacture, etc.
46
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com