Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 11Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 12Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 13Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 14Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 15Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 16Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 17Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 18Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
0.1
F
m
0.1
F
m
BAT
BAT
1
1
1 kW
1 kW
1 kW
1 kW
1 kW
1 kW
1
0.1
F
m
0.1
F
m
0.1
F
m
10
F
m
bq76PL536A
www.ti.com
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
3 to 6 Series Cell Configuration
When fewer than 6 cells are used, the most-positive cell voltage of the series string should be connected to the
BAT1/BAT2 pins, through the RC input network shown in the Reference Schematic section. Unused VCx inputs
should be connected to the next VCx input down until an input connected to a cell is reached – i.e., in a four cell
stack, VC6 connects to VC5, which connects to VC4.
The internal multiplexer control can be set to scan only the inputs which are connected to cells, thereby speeding
up conversions slightly. The multiplexer is controlled by the ADC_CONTROL[CN2:0] bits.
Figure 4. Connecting < 6 Cells (4 Shown)
Cell Voltage Measurements
Converting the returned cell measurement value to a dc voltage (in mV) is done using the following formula (all
values are in decimal).
mV = (REGMSB × 256 + REGLSB) × 6250 / 16383
Example:
Cell_1 == 3.35 V (3350 mV);
After conversion, REG_03 == 0x22; REG_04 == 0x4d
0x22 × 0x100 + 0x4d = 0x224d (8781.)
8781 × 6250 / 16,383 = 3349.89 mV
≈ 3.35 V
GPAI or VBAT Measurements
The bq76PL536A features a differential input to the ADC from two external pins, GPAI+ and GPAI–. The ADC
GPAI result register can be configured (via the FUNCTION_CONFIG[GPAI_SRC] to provide a measurement of
the voltage on these two pins, or of the brick voltage present between the BATx pins and VC0.
In the bq76PL536A device, the VBAT measurement is taken from the BATx pin to the VC0 pin, and is a separate
input to the ADC mux. Because this is a separate input to the ADC, certain common system faults, such as a
broken cell wire, can be easily detected using the bq76PL536A and simple firmware techniques.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com