Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 1 Page - Texas Instruments

  BQ76PL536APAPR Datasheet HTML 1Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 2Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 3Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 4Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 5Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 6Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 7Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 8Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
bq76PL536A
www.ti.com
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for
Applications
Check for Samples: bq76PL536A
1
FEATURES
APPLICATIONS
2
•
3 to 6 Series Cell Support, All Chemistries
•
Uninterruptible Power Systems (UPS)
•
Hot-Pluggable
•
E-Bike and E-Scooter
•
High-Speed SPI for Data Communications
•
Large-Format Battery Systems
•
Stackable Vertical Interface
DESCRIPTION
•
No Isolation Components Required Between
The bq76PL536A is a stackable three to six series
ICs
cell lithium-ion battery pack protector and analog front
•
Industrial Temperature Range –40°C to 85°C
end (AFE) that incorporates a precision analog-to-
•
High-Accuracy Analog-to-Digital Converter
digital converter (ADC); independent cell voltage and
temperature
protection;
cell
balancing,
and
a
(ADC):
precision 5-V regulator to power user circuitry.
–
±1 mV Typical Accuracy
The bq76PL536A integrates a voltage translation and
–
14-Bit Resolution, 6-µs Conversion Time
precision
analog-to-digital
converter
system
to
–
Nine ADC Inputs: 6 Cell Voltages, 1 Six-Cell
measure battery cell voltages with high accuracy and
Brick Voltage, 2 Temperatures, 1 General-
speed.
Purpose Input
The bq76PL536A provides full protection (secondary
–
Dedicated Pins for Synchronizing
protection)
for
overvoltage,
undervoltage,
and
Measurements
overtemperature conditions. When safety thresholds
•
Configuration Data Stored in ECC-OTP
are exceeded, the bq76PL536A sets the FAULT
Registers
output. No external components are needed to
configure or enable the protection features.
•
Built-In Comparators (Secondary Protector)
for:
Cell voltage and temperature protection functions are
–
Over- and Undervoltage Protection
independent of the ADC system. Programmable
protection thresholds and detection delay times are
–
Overtemperature Protection
stored in Error Check/Correct (ECC) OTP EPROM,
–
Programmable Thresholds and Delay Times
which increases the flexibility and reliability of the
–
Dedicated Fault Output Signals
battery management system.
•
Cell Balancing Control Outputs With Safety
The bq76PL536A is intended to be used with a host
Timeout
controller to maximize the functionality of the battery
management
system.
However,
the
protection
–
Balance Current Set by External
functions do not require a host controller.
Components
•
Supply Voltage Range from 6 V to 30 V
The bq76PL536A can be stacked vertically to monitor
up
to
192
cells
without
additional
isolation
Continuous and 36 V Peak
components
between
ICs.
A
high-speed
serial
•
Low Power:
peripheral interface (SPI) bus operates between each
–
Typical 12-µA Sleep, 45-µA Idle
bq76PL536A to provide reliable communications
•
Integrated Precision 5-V, 3-mA LDO
through a high-voltage battery cell stack.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ76PL536APAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL536APAPR TI1-BQ76PL536APAPR Datasheet
1Mb / 74P
Cell Lithium-Ion Battery Monitor and Secondary Protection IC
More results

Similar Description - BQ76PL536APAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL536 TI-BQ76PL536 Datasheet
1Mb / 58P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
logo
Sanyo Semicon Device
LV51132T SANYO-LV51132T Datasheet
155Kb / 9P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51134T SANYO-LV51134T_11 Datasheet
188Kb / 8P
2-Cell Lithium-Ion Secondary Battery Protection IC
logo
Texas Instruments
BQ76PL536-Q1 TI1-BQ76PL536-Q1 Datasheet
957Kb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
MAY2011
BQ76PL536A-Q1 TI1-BQ76PL536A-Q1 Datasheet
644Kb / 55P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536A TI-BQ76PL536A Datasheet
1Mb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
BQ76PL536A-Q1 TI-BQ76PL536A-Q1_13 Datasheet
1Mb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536ATPAPRQ1 TI1-BQ76PL536ATPAPRQ1 Datasheet
1Mb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV
BQ76PL536TPAPRQ1 TI1-BQ76PL536TPAPRQ1 Datasheet
1Mb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV
BQ76PL536A TI1-BQ76PL536A_16 Datasheet
1Mb / 74P
Cell Lithium-Ion Battery Monitor and Secondary Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com