Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 18Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 19Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 20Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 21Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 22Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 23Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 24Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 25Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
bq76PL536A
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
Ratiometric Sensing
The OT protector circuits use ratiometric inputs to sense fault conditions. The REG50 output is applied internally
to the divider which forms the reference voltages used by the comparator circuit. It is also used externally as the
excitation source for the temperature sensor. This allows the REG50 output to vary over time or temperature
(within data-sheet limits) and have virtually no effect on the correct operation of the circuit. Any change seen by
the sensor is also seen by the divider, and therefore, changes proportionally. Although it is valid to represent the
trip setpoints as voltages if you assume that REG50 is at exactly 5 V, in practice, this is not the case. In the chart
included in the next section, the correct ratios [RB/(RB + RT + RTH)] are shown, along with the equivalent voltage
points when REG50 is assumed to be 5 V.
Table 1. Overtemperature Trip Setpoints
OT THRESHOLDS
CONFIG_OT
TNOM °C
VTS RATIO SET
VTS RATIO CLEAR
VSET
(1)
VCLEAR
(1)
0
Disabled
Disabled
Disabled
Disabled
Disabled
1
40
0.2000
0.1766
1.000
0.883
2
45
0.2244
0.2000
1.122
1.000
3
50
0.2488
0.2270
1.244
1.135
4
55
0.2712
0.2498
1.356
1.249
5
60
0.2956
0.2750
1.478
1.375
6
65
0.3156
0.2956
1.578
1.478
7
70
0.3356
0.3162
1.678
1.581
8
75
0.3556
0.3368
1.778
1.684
9
80
0.3712
0.3528
1.856
1.764
10
85
0.3866
0.3688
1.933
1.844
11
90
0.4000
0.3824
2.000
1.912
(1)
Assumes REG50 = 5.000 V
Thermistor Power
To minimize power consumption, the thermistors are not powered ON by default. Two bits are provided in
IO_CONTROL[] to control powering the thermistors, TS1 and TS2. The TSn– input is only connected to VSS
when the corresponding bit is set. The user firmware must set these bits to 1 to enable both temperature
measurement and the secondary protector functions. When the thermistor functions are not in use, the bits may
be programmed to 0 to remove current through the thermistor circuits.
Thermistor Input Conditioning
A filter capacitor is recommended to minimize noise in to the ADC and protector. The designer should insure that
the filter capacitor has sufficient time to charge before reading the thermistors. The CONFIG_OTT[] value should
also be set to >5t, the time delay introduced by the RC network comprising CF, RTH, RT, and RB, to avoid false
triggering of the PROTECTOR function and ALERT signal when the TS1 and/or TS2 bits are set to 1 and the
inputs enabled.
On exit from the SLEEP state, the OT fault comparators are disabled for approximately 200 µs to allow internal
circuitry to stabilize and prevent false error-condition detection.
Fault and Alert Behavior
When the FAULT_N pin is asserted by the next higher bq76PL536A in the stack, then the FAULT_S is also
asserted, thereby passing the signal down the array of stacked devices if they are present. FAULT_N should
always be connected to the FAULT_S of the next higher device in the stack. If no higher device exists, it should
be tied to VBAT of this bq76PL536A, either directly or via a pullup resistor ~10 kΩ to 1 MΩ. The FAULT_x pins are
active-high – current flows when asserted. The ALERT_x pins behave in a similar manner. If the FAULT_N pin of
the base device (HSEL = 0) becomes asserted, it asserts its FAULT_H signal to the host microcontroller. This
signal chain may be used to create an interrupt to the CPU, or drive other compatible logic or I/O directly.
22
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com