Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 5 Page - Texas Instruments

  BQ76PL536APAPR Datasheet HTML 1Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 2Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 3Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 4Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 5Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 6Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 7Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 8Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
5V LDO
(User Circuitry)
VC2
14 bit
ADC
VC1
VC3
VC4
VC5
VC6
CB2
CB1
CB3
CB4
CB5
CB6
LDO-A
LDO-D
VC0
REF2
OV
UV
OV
UV
OV
UV
OV
UV
OV
UV
OV
UV
+
-
TS1–
TS1+
TS2–
TS2+
OT1
OT2
VREF
2.5V
FAULT _S
SCLK_S
SDI_S
SDO_S
CS_S
ALERT_S
CONV_S
DRDY_S
FAULT _N
SCLK_N
SDI_N
SDO_N
CS_N
ALERT_N
CONV_N
DRDY_N
FAULT _H
SCLK_H
SDI_H
SDO_H
CS_H
ALERT_H
CONV_H
DRDY_H
THERMAL
SHUTDOWN
bq76PL536
1.25V REF2
DIGITAL
CONTROL
LOGIC
REGISTERS
EPROM
OSC
SHIFTED
NORTH
COMM’s
INTERFACE
LEVEL
SHIFTED
SOUTH
COMM’s
INTERFACE
ANALOG
COMMUNICATIONS
POWER
DIGITAL
PROTECTOR
bq76PL536A
www.ti.com
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
FUNCTIONAL BLOCK DIAGRAM
Figure 2. bq76PL536A Block Diagram
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com