Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 15Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 16Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 17Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 18Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 19Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 20Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 21Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 22Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
bq76PL536A
www.ti.com
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
Conversion Time Control
The ADC conversion time is fixed at approximately 6 µs per converted channel, plus 6 µs overhead at the start of
the conversion. Total conversion time (µs) is approximately 6 × num_channels + 6.
Automatic vs Manual Control
The ADC_CONTROL[ADC_ON] bit controls powering up the ADC section and the main bandgap reference. If
the bit is set to 1, the internal circuits are powered on, and current consumption by the part increases.
Conversions begin immediately on command. The host CPU should wait >500 µs before initiating the first
conversion after setting this bit.
If the ADC_ON bit is false, an additional 500 µs is required to stabilize the reference before conversions begin.
If the sampling interval (time between conversions) used is less than ~10 ms, manual mode should be selected
to avoid shifting the voltage reference, leading to inaccuracy in the measurements.
ADC Application Notes
Anti-Aliasing Filter
An anti-aliasing filter is required for each VCn input VC6–VC2, consisting of a 1-k
Ω, 1% series resistor and 100-
nF capacitor. The same filter is used, but with a 1-µF capacitor for the VC1 and VC0 sections. Good-quality
components should be used. A 1% resistor is recommended, because the resistor creates a small error by
forming a voltage divider with the input impedance of the part. The part is factory-trimmed to compensate for the
error introduced by the filter.
Secondary Protection
The bq76PL536A integrates dedicated overvoltage and undervoltage fault detection for each cell and two
overtemperature fault detection inputs for each device. The protection circuits use a separate band-gap reference
from the ADC system and operate independently. The protector also uses separate I/O pins from the main
communications bus, and therefore is capable of signaling faults in hardware without intervention from the host
CPU.
Protector Functionality
When a fault state is detected, the respective fault flag in the FAULT_STATUS[] or ALERT_STATUS[] registers
is set. All flags in the FAULT and ALERT registers are then ORed into the DEVICE_STATUS[] FAULT and
ALERT bits. The FAULT and ALERT bits in DEVICE_STATUS[] in turn cause the hardware FAULT_S or
ALERT_S pin to be set. The bits in DEVICE_STATUS[] and the hardware pins are latched until reset by the host
via SPI command, ensuring that the host CPU does not miss an event.
A separate timer is provided for each fault source (cell overvoltage, cell undervoltage, overtemperature) to
prevent false alarms. Each timer is programmable from 100 µs to more than 3 s. The timers may also be
disabled, which causes fault conditions to be sensed immediately and not latched.
The clearing of the FAULT or ALERT flag (and pin) occurs when the respective flag is written to a 1, which also
restarts the respective fault timer. This also clears the FAULT_S (_H) or ALERT_S (_H) pin. If the actual fault
remains present, the FAULT (ALERT) pin is again asserted at the expiration of the timer. This cycle repeats until
the cause of the fault is removed.
On exit from the SLEEP state, the COV, CUV, and OT fault comparators are disabled for approximately 200 µs
to allow internal circuitry to stabilize and prevent false error condition detection.
Using the Protector Functions With 3-5 Cells
The OV/UV condition can be ignored for unused channels by setting the FUNCTION_CONFIG[CNx] bits to the
maximum number of cells connected to the device. If fewer than 6 cells are configured, the corresponding OV/UV
faults are ignored. For example, if the FUNCTION_CONFIG[] bits are set to xxxx 1000, then the OV/UV
comparators are disabled for cells 5 and 6. Correct setting of this register prevents spurious false alarms.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com